Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL70 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Modular Tower Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp. TL70 Datasheet HTML 3Page - Banner Engineering Corp. TL70 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wiring Terminal Block
Terminal Block Key
0 = dc common
1 = Module 1
2 = Module 2
3 = Module 3
4 = Module 4
5 = Module 5
6 = Module 6
Specifications
Supply Voltage and Current
12 V dc to 30 V dc
Indicator Color or Audible Model
Maximum Current (mA)
at 12 V dc
at 30 V dc
Blue, Green, White
420
150
Red, Yellow, Orange
285
120
Standard Audible
30
30
Loud Audible (Intensity 1)
30
25
Loud Audible (Intensity 2)
50
40
Loud Audible (Intensity 3)
165
75
Loud Audible (Intensity 4)
350
120
Supply Protection Circuitry
Protected against transient voltages
Indicators
1 to 6 colors depending on model (Green, Red, Yellow, Blue, White, and Orange)
LEDs are independently selected
Flash Rates: 1.5 Hz ±10% and 3 Hz ±10%
Indicator Response Time
Off Response: 150 µs (maximum) at 12 to 30 V dc
On Response: 180 ms (maximum) at 12 V dc; 50 ms (maximum) at 30 V dc
Audible Alarm
Standard Audible: 2.6 kHz ± 250 Hz oscillation frequency; maximum intensity (typical) 92
dB at 1 m (3.3 ft)
Loud Audible: 2.6 kHz ± 250 Hz oscillation frequency; maximum intensity (typical) at 1 m
(3.3 ft) (see table)
DIP Switches
Max Intensity (Loud Audible)
9
10
ON
ON
Intensity 4: 101 dB
OFF
ON
Intensity 3: 99 dB
ON
OFF
Intensity 2: 92 dB
OFF
OFF
Intensity 1: 85 dB
Audible Adjustment
Standard Audible: Rotate the cover until the desired volume is reached
Loud Audible Alarm: Select the desired volume using DIP switches 9 and 10
Typical Reduction in Sound Intensity with Audible Adjustment (maximum to
minimum):
•
Standard Audible: 8 dB
•
Loud Audible: 16 dB
Construction
Bases, Segments, Covers: polycarbonate
TL70 Modular Tower Light
P/N 182215 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com