Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC04-GA Datasheet(PDF) 1 Page - Recom International Power

Part # RAC04-GA
Description  Up to 488VAC input voltage range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-GA Datasheet(HTML) 1 Page - Recom International Power

  RAC04-GA Datasheet HTML 1Page - Recom International Power RAC04-GA Datasheet HTML 2Page - Recom International Power RAC04-GA Datasheet HTML 3Page - Recom International Power RAC04-GA Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.recom-power.com
REV.: 0/2019
P-1
Accessory
Features
Adapter
Board
• Up to 488VAC input voltage range
• 9A current rating for up 90°C air temperature
• UL Listed components used
• Stable solderability by secure packaging
• Clearances for operating altitude up to 5000m
Adapter
Board for
RECOM AC/DC
converters
RAC-ADAPT-ST-1
Description
The RAC-ADAPT-ST-1 is an adapter board which allows many of RECOM’s latest AC-DC products in the
range of 1 to 20 Watts of output power to be fitted with screw terminals for easy connection. Although
RECOM’s AC-DC modules come equipped with integrated fuses and already meet high immunity levels,
space on the board is provided for optional MOV and fusing if preferred. The product comes in a sealed
package with a drying agent to ensure long term solderability. Wide input voltage and wide ambient
operating temperature ratings of the design and appropriate clearance make it an easy-to-use board for
short run or low-volume production and prototyping as well as for evaluation purposes.
Compatible converters
Converter
Input Voltage Range
nom. Output Voltages
Internal
Converter
Series
[VAC]
[VDC]
Fuse
Link
RAC01-GA
85-264
5, 12
fusible resistor
RAC01-GA.pdf
RAC01-GB
85-264
3.3, 5, 12, 24
fusible resistor
RAC01-GB.pdf
RAC02-GA
85-264
3.3, 5, 12, 15, 24
fusible resistor
RAC02-GA.pdf
RAC02-GB
85-264
3.3, 5, 12, 15, 24
fusible resistor
RAC02-GB.pdf
RAC03-K
85-264
3.3, 5, 12, 15, 18, 24
fusible resistor
RAC03-K.pdf
RAC03-GA
85-264
3.3, 5, 12, 15, 24
T1A
RAC03-GA.pdf
RAC03-GB
85-264
3.3, 5, 9, 12, 15, 24
T1A
RAC03-GB.pdf
RAC04-GA
85-305
3.3, 5, 9, 12, 15, 24
T1A
RAC04-GA.pdf
RAC04-GB
85-264
3.3, 5, 9, 12, 15, 24
T1A
RAC04-GB.pdf
RAC3.5-K/277
85-305
3.3, 5, 12, 15, 24
T1A
RAC3.5-K/277.pdf
RAC05-K/277
85-305
3.3, 5, 12, 15, 24
T1A
RAC05-K/277.pdf
RAC05-K/480
85-528
5, 12
fusible resistor
RAC05-K/480.pdf
RAC10-K/277
85-305
3.3, 5, 12, 15, 24, ±12, ±15
T2A
RAC10-K/277.pdf
RAC15-K
85-264
5, 12, 15, 24
T3.15A
RAC15-K.pdf
RAC20-K
85-264
5, 12, 15, 24, 48, ±12, ±15
T3.15A
RAC20-K.pdf
ELECTRICAL CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Absolute Maximum Input Voltage
3000m
488VAC
690VDC
5000m
329VAC
465VDC
Input Current
T
AMB= 90°C
9A
Input Fuse Placeholder (1)
5.08mm pitch package for radial leaded fuse with hole size 0.9mm
Varistor Placeholder (2)
7.5mm/3.5mm pitch
Notes:
Note1: Refer to local safety regulations if input over-current protection is also required
RECOM suggests: Littlefuse 369 series
Note2:
If Varistor is installed, input fuse is always mandatory
RECOM suggests: EPCOS S14 series


Similar Part No. - RAC04-GA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-GA RECOM-RAC04-GA Datasheet
1Mb / 5P
4 Watt Single Output EMC Class A
More results

Similar Description - RAC04-GA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
Input voltage range up to 60V
logo
Wall Industries,Inc.
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
logo
List of Unclassifed Man...
8600 ETC2-8600 Datasheet
5Mb / 7P
Voltage range up to 500 V
logo
Shanghai Leiditech Elec...
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
logo
Maxim Integrated Produc...
MAX9644EVKIT MAXIM-MAX9644EVKIT Datasheet
821Kb / 8P
-0.3V to 5.5V Input Voltage Range
Rev 0; 7/11
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com