Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC04-GA Datasheet(PDF) 2 Page - Recom International Power

Part # RAC04-GA
Description  Up to 488VAC input voltage range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-GA Datasheet(HTML) 2 Page - Recom International Power

  RAC04-GA Datasheet HTML 1Page - Recom International Power RAC04-GA Datasheet HTML 2Page - Recom International Power RAC04-GA Datasheet HTML 3Page - Recom International Power RAC04-GA Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.recom-power.com
REV.: 0/2019
P-2
Accessory
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RAC-ADAPT-ST-1
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Dimension (LxWxH)
91.0 x 50.0 x 14.0mm
Weight
19g typ.
Dimension Drawing (mm)
Snap-on stop spacer suggestion (Model: Wuerth 709440800)
91.0
4x M3
FC 85.0
3.5
5.08
10.0
11.0
10.0
14.0
Ø0.9
Ø1.05
F1
Ø8.0
Drilling in Panel Ø3.0
Panel Thickness 1.6
Drilling in Panel Ø4.0
Panel Thickness 0.8~1.6
Screw Terminal Information
#
Function recommended
Wire
1
FUSE
16AWG
1-1.5mm²
2
VAC
16AWG
1-1.5mm²
3
VAC
16AWG
1-1.5mm²
Output Screw Terminal
#
Function recommended
Wire
4
-Vout
16AWG
1-1.5mm²
5
COM
16AWG
1-1.5mm²
6
+Vout
16AWG
1-1.5mm²
wire stripping length: 6mm
recommended tightening torque: 0.6Nm max.
NC= no connection
FC= fixing centres
Tolerance:
xx.x= ±0.5mm
xx.xx= ±0.25mm
Notes:
Note3: If spacers are needed, RECOM suggests to use Wuerth 70944xx00 series or similar)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com