Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4244
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4244 Datasheet HTML 9Page - Linear Technology LTC4244 Datasheet HTML 10Page - Linear Technology LTC4244 Datasheet HTML 11Page - Linear Technology LTC4244 Datasheet HTML 12Page - Linear Technology LTC4244 Datasheet HTML 13Page - Linear Technology LTC4244 Datasheet HTML 14Page - Linear Technology LTC4244 Datasheet HTML 15Page - Linear Technology LTC4244 Datasheet HTML 16Page - Linear Technology LTC4244 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC4244/LTC4244-1
42441f
Sense resistors R1 and R2 provide current fault detection
and R5 and C1 provide current control loop compensation
as well as ramp rate control for the GATE pin voltage.
Resistors R3 and R4 prevent high frequency oscillations
in MOSFET’s Q1 and Q2.
A power-up sequence begins when the OFF/ON pin is
pulled low (Figure 2). This enables the pass transistors to
turn on and an internal 21
µA current source is connected
to TIMER. Once the pass transistors begin to conduct
current, the supplies will start to power up. Current limit
faults are ignored while the TIMER pin voltage is ramping
up and is less than (12VIN – 1.6V). When all four supply
voltages are within tolerance, HEALTHY# will pull low and
LOCAL_PCI_RST# is free to follow PCI_RST#.
Power-Down Sequence
When the BD_SEL# signal is pulled high, a power-down
sequence begins (Figure 3).
Internal switches are connected to each of the output
voltage supply pins to discharge the bypass capacitors to
ground. The TIMER pin is immediately pulled low. The
GATE pin is pulled down by a 60
µA current source to
prevent the load currents on the 3.3V and 5V supplies from
going to zero instantaneously and glitching the power
supply voltages. When any of the output voltages dips
below its threshold, the HEALTHY# signal pulls high and
LOCAL_PCI_RST# will be asserted low.
APPLICATIO S I FOR ATIO
TIMER
10V/DIV
GATE
10V/DIV
12VOUT
10V/DIV
5VOUT
10V/DIV
3.3VOUT
10V/DIV
VEEOUT
10V/DIV
BD_SEL#
10V/DIV
HEALTHY#
10V/DIV
LCL_PCI_RST#
10V/DIV
10ms/DIV
4244 F02
Figure 2. Normal Power-Up Sequence
TIMER
10V/DIV
GATE
10V/DIV
12VOUT
10V/DIV
5VOUT
10V/DIV
3.3VOUT
10V/DIV
VEEOUT
10V/DIV
BD_SEL#
10V/DIV
HEALTHY#
10V/DIV
LCL_PCI_RST#
10V/DIV
20ms/DIV
4244 F03
Figure 3. Normal Power-Down Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com