Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4244
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4244 Datasheet HTML 17Page - Linear Technology LTC4244 Datasheet HTML 18Page - Linear Technology LTC4244 Datasheet HTML 19Page - Linear Technology LTC4244 Datasheet HTML 20Page - Linear Technology LTC4244 Datasheet HTML 21Page - Linear Technology LTC4244 Datasheet HTML 22Page - Linear Technology LTC4244 Datasheet HTML 23Page - Linear Technology LTC4244 Datasheet HTML 24Page - Linear Technology LTC4244 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC4244/LTC4244-1
42441f
are experimentally determined based on the board’s para-
sitic resonance circuits. As a starting point, the capacitors
in these networks are chosen to be 10
× to 100× the power
MOSFET’s COSS under bias. The series resistor is a value
determined experimentally that ranges from 1
Ω to 50Ω,
depending on the parasitic resonance circuit. Note that in
all LTC4244 circuit schematics,
both transient voltage
limiters and snubber networks have been added to the
12VIN and VEEIN supply rails and should always be used.
Snubber networks are not necessary on the 3.3VIN or the
5VIN supply lines since their absolute maximum voltage
ratings are 13.5V. Transient voltage limiters, however, are
recommended as these devices provide large-scale tran-
sient protection for the LTC4244 in the event of abrupt
changes in supply current. All protection networks should
be mounted very close to the LTC4244’s supply pins using
short lead lengths to minimize trace resistance and induc-
tance. This is shown schematically in Figures 12 and 13
and a recommended layout of the transient protection
devices around the LTC4244 is shown in Figure 14.
APPLICATIO S I FOR ATIO
C1
0.047
µF
3.3VIN
3VIN
3.3V
5VIN
5V
3.3VSENSE
17
3.3VOUT
18
5VIN
13
5VOUT
3
5VSENSE
14
16
GATE
15
R3
10
Ω
R4
10
Ω
5VOUT
5V
3VOUT
3.3V
R5
1k
R1
0.005
Ω
Q1
IRF7457
Q2
IRF7457
R2
0.007
Ω
Z3
Z4
LTC4244*
4244 F12
GND
8
Z3, Z4: SMAJ5.0A
*ADDITIONAL DETAILS OMITTED FOR CLARITY
Figure 12. Place Transient Protection Devices Close to LTC4244’s 5VIN and 3.3VIN Pins
12VIN
1
VEEIN
12VIN
–12VIN
2
Z1
Z2
R14
10
Ω
C5
0.1
µF
LTC4244*
4244 F16
GND
8
Z1, Z2: SMAJ12CA
*ADDITIONAL DETAILS OMITTED FOR CLARITY
R13
10
Ω
C4
0.1
µF
VIAS TO
GND PLANE
C4
R13
GND
5VIN
LTC4244*
*ADDITIONAL DETAILS OMITTED FOR CLARITY
DRAWING IS NOT TO SCALE!
4244 F14
3.3VIN
VEEIN
12VIN
C5
R14
Z4
Z1
Z1
Z3
Figure 13. Place Transient Protection Devices
Close to LTC4244’s 12VIN and VEEIN Pins
Figure 14. Recommended Layout for Transient Protection
Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com