Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYC10-600CT Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # BYC10-600CT
Description  Dual rectifier diode ultrafast, low switching loss
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYC10-600CT Datasheet(HTML) 2 Page - WeEn Semiconductors

  BYC10-600CT Datasheet HTML 1Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 2Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 3Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 4Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 5Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 6Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 7Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 8Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WeEn Semiconductors
Product specification
Rectifier diode
BYC10-600CT
ultrafast, low switching loss
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Dual diode
V
R = 600 V
• Extremely fast switching
• Low reverse recovery current
V
F
≤ 1.75 V
• Low thermal resistance
• Reduces switching losses in
I
O(AV) = 10 A
associated MOSFET
t
rr = 19 ns (typ)
APPLICATIONS
PINNING
SOT78 (TO220AB)
• Active power factor correction
PIN
DESCRIPTION
• Half-bridge lighting ballasts
• Half-bridge/ full-bridge switched
1
anode 1
mode power supplies.
2
cathode
The BYC10-600CT is supplied in
the SOT78 (TO220AB)
3
anode 2
conventional leaded package.
tab
cathode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
RRM
Peak repetitive reverse voltage
-
600
V
V
RWM
Crest working reverse voltage
-
600
V
V
R
Continuous reverse voltage
T
mb
≤ 110 ˚C
-
500
V
I
O(AV)
Average output current (both
δ = 0.5; with reapplied V
RRM(max);
-
10
A
diodes conducting)
T
mb
≤ 50 ˚C1
I
FRM
Repetitive peak forward current
δ = 0.5; with reapplied V
RRM(max);
-
10
A
per diode
T
mb
≤ 50 ˚C1
I
FSM
Non-repetitive peak forward
t = 10 ms
-
40
A
current per diode
t = 8.3 ms
-
44
A
sinusoidal; T
j = 150˚C prior to surge
with reapplied V
RWM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
per diode
-
-
2.5
K/W
mounting base
both diodes
-
-
2.2
K/W
R
th j-a
Thermal resistance junction to
in free air.
-
60
-
K/W
ambient
1 T
mb(max) limited by thermal runaway
August 2018
1
Rev 1.
300
1 2
mb
3
sym125
A2
A1
K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com