Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYC10-600CT Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # BYC10-600CT
Description  Dual rectifier diode ultrafast, low switching loss
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYC10-600CT Datasheet(HTML) 3 Page - WeEn Semiconductors

  BYC10-600CT Datasheet HTML 1Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 2Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 3Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 4Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 5Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 6Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 7Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 8Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WeEn Semiconductors
Product specification
Rectifier diode
BYC10-600CT
ultrafast, low switching loss
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C, per diode unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
F
Forward voltage
I
F = 5 A; Tj = 150˚C
-
1.4
1.75
V
I
F = 10 A; Tj = 150˚C
-
1.75
2.2
V
I
F = 5 A;
-
2.0
2.9
V
I
R
Reverse current
V
R = 600 V
-
9
100
μA
V
R = 500 V; Tj = 100 ˚C
-
0.9
3.0
mA
t
rr
Reverse recovery time
I
F = 1 A; VR = 30 V; dIF/dt = 50 A/
μs
-
30
50
ns
t
rr
Reverse recovery time
I
F = 5 A; VR = 400 V;
-
19
-
ns
dI
F/dt = 500 A/
μs
t
rr
Reverse recovery time
I
F = 5 A; VR = 400 V;
-
25
30
ns
dI
F/dt = 500 A/
μs; T
j = 100˚C
I
rrm
Peak reverse recovery current
I
F = 5 A; VR = 400 V;
-
0.7
3
A
dI
F/dt = 50 A/
μs; T
j = 125˚C
I
rrm
Peak reverse recovery current
I
F = 5 A; VR = 400 V;
-
8
11
A
dI
F/dt = 500 A/
μs; T
j = 125˚C
V
fr
Forward recovery voltage
I
F = 10 A; dIF/dt = 100 A/
μs-
9
11
V
Fig.1. Typical application, output rectifier in boost
converter power factor correction circuit. Continuous
conduction mode, where the transistor turns on whilst
forward current is still flowing in the diode.
Fig.2. Typical application, freewheeling diode in half
bridge converter. Continuous conduction mode, where
each transistor turns on whilst forward current is still
flowing in the other bridge leg diode.
Vin
Vo = 400 V d.c.
500 V MOSFET
IL
150 uH
ID
OUTPUT DIODE
typ
Vin
Vin = 400 V d.c.
inductive load
IF
IR
IL
August 2018
2
Rev 1.
300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com