Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB1815 Datasheet(PDF) 11 Page - Abracon Corporation

Part # AB1815
Description  AB08X5 Real-Time Clock Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB1815 Datasheet(HTML) 11 Page - Abracon Corporation

Back Button AB1815 Datasheet HTML 7Page - Abracon Corporation AB1815 Datasheet HTML 8Page - Abracon Corporation AB1815 Datasheet HTML 9Page - Abracon Corporation AB1815 Datasheet HTML 10Page - Abracon Corporation AB1815 Datasheet HTML 11Page - Abracon Corporation AB1815 Datasheet HTML 12Page - Abracon Corporation AB1815 Datasheet HTML 13Page - Abracon Corporation AB1815 Datasheet HTML 14Page - Abracon Corporation AB1815 Datasheet HTML 15Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 11 of 33
Abracon Drawing #453567
Revision: C
5.3 Operating Parameters
Table 6 lists the operating parameters.
For Table 6, T
A = -40 °C to 85 °C, TYP values at 25 °C.
Table 6: Operating Parameters
SYMBOL
PARAMETER
TEST
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VT+
Positive-going Input Thresh-
old Voltage
3.0V
1.5
2.0
V
1.8V
1.1
1.25
VT-
Negative-going Input Thresh-
old Voltage
3.0V
0.8
0.9
V
1.8V
0.5
0.6
IILEAK
Input leakage current
3.0V
0.02
80
nA
CI
Input capacitance
3
pF
VOH
High level output voltage on
push-pull outputs
1.7V – 3.6V
0.8•VCC
V
VOL
Low level output voltage
1.7V – 3.6V
0.2•VCC
V
IOH
High level output current on
push-pull outputs
VOH = 0.8●VCC
1.7V
-2
-3.8
mA
1.8V
-3
-4.3
3.0V
-7
-11
3.6V
-8.8
-15
IOL
Low level output current
VOL = 0.2●VCC
1.7V
3.3
5.9
mA
1.8V
6.1
6.9
3.0V
17
19
3.6V
18
20
IOLEAK
Output leakage current
1.7V – 3.6V
0.02
80
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com