Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB1815 Datasheet(PDF) 21 Page - Abracon Corporation

Part # AB1815
Description  AB08X5 Real-Time Clock Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB1815 Datasheet(HTML) 21 Page - Abracon Corporation

Back Button AB1815 Datasheet HTML 17Page - Abracon Corporation AB1815 Datasheet HTML 18Page - Abracon Corporation AB1815 Datasheet HTML 19Page - Abracon Corporation AB1815 Datasheet HTML 20Page - Abracon Corporation AB1815 Datasheet HTML 21Page - Abracon Corporation AB1815 Datasheet HTML 22Page - Abracon Corporation AB1815 Datasheet HTML 23Page - Abracon Corporation AB1815 Datasheet HTML 24Page - Abracon Corporation AB1815 Datasheet HTML 25Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 21 of 33
Abracon Drawing #453567
Revision: C
5.7 BREF Electrical Characteristics
Table 10 lists the parameters of the VBAT voltage thresholds. BREF values other than those listed in the
table are not supported.
For Table 10, T
A = -20 °C to 70 °C, TYP values at 25 °C, VCC = 1.7 to 3.6V.
Table 10: BREF Parameters
SYMBOL
PARAMETER
BREF
MIN
TYP
MAX
UNIT
VBRF
VBAT falling threshold
0111
2.3
2.5
3.3
V
1011
1.9
2.1
2.8
1101
1.6
1.8
2.5
1111
1.4
VBRR
VBAT rising threshold
0111
2.6
3.0
3.4
V
1011
2.1
2.5
2.9
1101
1.9
2.2
2.7
1111
1.6
VBRH
VBAT threshold hysteresis
0111
0.5
V
1011
0.4
1101
0.4
1111
0.2
TBR
VBAT analog comparator recom-
mended operating temperature range
All values
-20
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com