Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABLSX Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABLSX
Description  LOW PROFILE SURFACE MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLSX Datasheet(HTML) 1 Page - Abracon Corporation

  ABLSX Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Height Options
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.±50 ppm max. (See Options)
Equivalent Series Resistance
200 W for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150 W for 4.0 MHz < F < 6.0 MHz
100 W for 6.0 MHz < F < 10.0 MHz
80 W for 10 MHz < F < 14.0 MHz
50 W for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16pF (See Option)
Drive Level
100µW max.
Aging @ 25° C First Year
± 5 ppm max.
Insulation Resistance
500 MW min. at 100 Vdc ± 15V
APPLICATIONS:
•Wireless applications.
• Automotive and industrial.
•Computers, modems, communications.
• Hi-precision TCXO and clock applications.
FEATURES:
• High reliability, Low cost.
• Low profile. (2.5mm max.)
•Tight stability and extended temperature.
• Reflow capable.
ABLSX - Frequency -CL - ESR - Temperature - Tolerance - Stability - Mode - Packaging
XX.XXXX MHz
RXXX
(value in W)
-T for tape and reel
-F for Fundamental AT> 24MHz
-FB for Fundamental BT> 24MHz**
-A for -10°C to + 60°C
-B for -20°C to + 70°C
-C for -30°C to + 70°C
-N for -30°C to + 85°C
-D for -40°C to + 85°C
ORDERING OPTIONS
Load cap.in pF
or -S for Series
* BT cut +100ppm max. -10°C to +60°C
** Please call for details.
Dimensions: Inches (mm)
Frequency Range
3.579545MHz - 70.00MHz
Operation Mode
3.579545MHz ~ 24.0MHz ~ ( Fundamental )
24.01MHz ~ 50.00MHz ~( Fund. AT or BT )
24.01MHz ~ 70MHz ~ ( 3rd- Overtone )
Operating Temperature
0°C to +70°C (See Options)
Storage Temperature
-40°C to +85°C
Frequency Tolerance @ 25°C
±50ppm max. (See Options)
Frequency stability over temp.
±50ppm max. (See Options)*
Equivalent Series Resistance
180 W max. for 3.579MHz < F < 5.000MHz
(ESR)
120 W max. for 5.000MHz < F < 6.000MHz
100 W max. for 6.000MHz < F < 8.000MHz
80 W max. for 8.000MHz < F < 9.000MHz
-
Fundamental
60 W max. for 9.000MHz < F < 10.00MHz
50 W max. for 10.00MHz < F < 16.00MHz
40 W max. for 16.00MHz < F < 50.00MHz
100 W max. for 24.01MHz < F < 32.00MHz
-
Third Overtone
80 W max. for 32.00MHz < F < 70.00MHz
Shunt Capacitance C0
7pF max.
Load Capacitance CL
18pF (See Options)
Drive Level
1mW max., 100µW correlation
Aging @ 25°C per Year
±5ppm max.
Insulation Resistance;
500MW min. at 100Vdc ±15V
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
Please see environmental, and mechanical specifications,see appendix C. Group 1.
Tape and Reel, see appendix H.(1,000pcs./reel)
Marking, see appendix G. Reflow profile, see appendix E.
Application notes, see appendix A.
Recommended handling, see appendix F.
PN#
H max.
ABLS
0.160 ( 4.2 )
ABLS2
0.130 ( 3.3 )
ABLS3
0.099 ( 2.5 )
-R5for ± 5ppm**
-U for ± 10ppm
-G for ± 15ppm
-X for ± 20ppm
-W for ± 25ppm
-Y for ± 30ppm
-H for ± 35ppm
-H5 for ± 5ppm**
-1 for ± 10ppm
-7 for ± 15ppm
-2 for ± 20ppm
-3 for ± 25ppm
-4 for ± 30ppm
Blank, 2 or 3
MICROPROCESSOR CRYSTALS
AT49 (HC49US) LOW PROFILE SURFACE MOUNT
ABLS, ABLS2, ABLS3
11.5 x 4.8 x 4.2 mm
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
ABRACON
®
CORPORA TION
7


Similar Part No. - ABLSX

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLS ABRACON-ABLS Datasheet
234Kb / 3P
HC/49US (AT49) SMD LOW PROFILE CRYSTAL
07.26.07
ABLS ABRACON-ABLS Datasheet
228Kb / 2P
HC/49US (AT49) SMD LOW PROFILE CRYSTAL
04.15.08
logo
List of Unclassifed Man...
ABLS-10.000MHZ-B2-T ETC1-ABLS-10.000MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABLS-11.0592MHZ-B2-T ETC1-ABLS-11.0592MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABLS-12.000MHZ-B2-T ETC1-ABLS-12.000MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
More results

Similar Description - ABLSX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ-SMD NAIS-TQ-SMD Datasheet
107Kb / 5P
LOW-PROFILE SURFACE-MOUNT RELAY
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
402Kb / 20P
LOW PROFILE SURFACE MOUNT CAPACITORS
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
miniature low profile Surface Mount
29/07/2006
logo
Panasonic Battery Group
TQ-SMD PANASONICBATTERY-TQ-SMD Datasheet
141Kb / 5P
LOW-PROFILE SURFACE-MOUNT RELAY
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
Low-profile (Surface Mount Type)
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
Low Profile Surface Mount Inductors
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
Low profile surface mount
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
Low Profile Surface Mount Inductors
logo
Maxim Integrated Produc...
MAX8758EVKIT MAXIM-MAX8758EVKIT Datasheet
171Kb / 8P
Low-Profile, Surface-Mount Components
Rev 0; 11/05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com