Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDGA70AP5-XQ Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDGA70AP5-XQ
Description  LED Series Sealed High-Intensity Area Lights
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDGA70AP5-XQ Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDGA70AP5-XQ Datasheet HTML 1Page - Banner Engineering Corp. LEDGA70AP5-XQ Datasheet HTML 2Page - Banner Engineering Corp. LEDGA70AP5-XQ Datasheet HTML 3Page - Banner Engineering Corp. LEDGA70AP5-XQ Datasheet HTML 4Page - Banner Engineering Corp. LEDGA70AP5-XQ Datasheet HTML 5Page - Banner Engineering Corp. LEDGA70AP5-XQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CAUTION:
Risk Group 1: UV Emitted from this product.
Minimize exposure to eyes or skin. Use appropriate shielding and eye protection. Risk Group 1 (RG 1) products
are safe for most use applications, except for very prolonged exposures where direct ocular exposures may be
expected.
- IEC 62471
The following caution applies to UV, 395 nm models:
CAUTION:
Risk Group 2: UV Emitted from this product.
Eye or skin irritation may result from exposure. Use appropriate shielding and eye protection. Risk Group 2 (RG
2) products generally do not pose a realistic optical hazard if aversion responses limit the exposure duration or
where lengthy exposures are unrealistic.
- IEC 62471
Wiring
Wire Purpose
Cable Wire Color3
Continuous On
Mode
Strobed Mode
PresencePlus Pro Controller
Terminal Block
Power Wires
Brown (1)
+24 V dc
+24 V dc
Pin 014
Blue (3)
common
common
Pin 02
Strobe Polarity
Control
Gray (5)
open
Active Low: open
Open — Active Low
Active High: connect to common (Blue wire)
Pin 02 — Active High
Strobe Voltage
Wires
White (2)
open
0 V dc = ON (Active Low)
+5 V dc to 24 V dc = OFF (Active Low)
Pin 04
0 V dc = OFF (Active High)
+5 V dc to 24 V dc = ON (Active High)
Black (4)
open
Strobe common
Pin 02
(1) +24V dc
(3) Common
(5)Active High/Active Low
(4) Strobe Common
(2) Strobe (+)
Figure 1. Pinouts for Mating Cordsets
Light Adjustment (Adjustable Intensity Models Only)
Figure 2. Potentiometer Adjuster
1. Remove the plug as shown in the figure, using a small
flat-blade screwdriver.
2. Adjust the light’s intensity by turning the 270° Intensity
potentiometer with the screwdriver. Apply power to the
light and turn the potentiometer all the way clockwise
for maximum intensity.
3. If the object to be sensed is too bright at maximum
intensity, turn the potentiometer down a little at a time,
testing with the object, until the correct brightness is
achieved.
4. When adjustment is complete, reinsert the plug.
3 For Banner-supplied wire.
4 When connecting the light to a PresencePLUS Pro controller terminal block, the controller supply must be 24 V dc ± 10%.
LED Series Sealed High-Intensity Area Lights
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 153957 Rev. F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com