Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDGA70AP5-XQ Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LEDGA70AP5-XQ
Description  LED Series Sealed High-Intensity Area Lights
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDGA70AP5-XQ Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LEDGA70AP5-XQ Datasheet HTML 1Page - Banner Engineering Corp. LEDGA70AP5-XQ Datasheet HTML 2Page - Banner Engineering Corp. LEDGA70AP5-XQ Datasheet HTML 3Page - Banner Engineering Corp. LEDGA70AP5-XQ Datasheet HTML 4Page - Banner Engineering Corp. LEDGA70AP5-XQ Datasheet HTML 5Page - Banner Engineering Corp. LEDGA70AP5-XQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications
Supply Voltage and Current
Operating Voltage: 24 V dc ± 10%
Strobe Voltage: 5 V dc to 24 V dc at 15 mA max.
Current Draw at Full Intensity: 500 mA max.
Built-in constant current regulator for LEDs Adjustable intensity control
varies intensity for "P" models
Use only with a suitable Class 2 power supply (UL) or SELV power supply
(CE)
Light Source
Five high-intensity LEDs; see models table for wavelengths
Illumination
610 mm (24 in) diameter usable light pattern at 1 m
Strobe
Optically isolated
Connections
Integral 5-pin M12/Euro-style quick disconnect, accessory cordset required
Construction
Nickel-plated aluminum or stainless steel housing, depending on model;
acrylic or glass window, depending on model
Useful Life
When operated within specifications, output will decrease less than 30%
after 50,000 hours for visible and IR models; 20,000 hours for UV models
Operating Conditions
0 °C to +50 °C (+32 °F to +122 °F)
95% maximum relative humidity (non-condensing)
Environmental Rating
Nickel-plated models: IEC IP68
Stainless steel models: NEMA 4X;IEC IP68
Certifications
Light Characteristics: Clear and Diffuse Window
Values shown are typical @ 25°C.
Lumens
mWatts
Cool White
Green
Red
Blue
IR
UV395
UV3655
LEDxA70
575
450
225
165
1170
630
440
Optical Data
80-100 %
60-80 %
40-60 %
20-40 %
0-20 %
(Mount height of 0.5 meters)
Area Light Clear Window
mm
50
50
100
100
150
150
200
200
250
250
0
Isolux Pattern
Percentage of Max
Light Intensity (Lux
or mW/m²)
80-100 %
60-80 %
40-60 %
20-40 %
0-20 %
(Mount height of 0.5 meters)
Area Light Diffuse Window
mm
50
50
100
100
150
150
200
200
250
250
0
Isolux Pattern
Percentage of Max
Light Intensity (Lux
or mW/m²)
Lux and irradiance values shown are typical at 25 °C and with clear windows; light intensity lowered by 40% on diffuse window models.
Distance (m)
Max Center Beam Lux (lux)
Max Center Beam Irradiance (mW/m²)
Beam Width (m)
Cool White
Green
Red
Blue
IR
UV395
UV3656
Vertical
(Spread 29.1°)
Horizontal
(Spread 30.7°)
0.25
51,440
40,257
20,129
14,761
104,669
39,363
56,360
0.13
0.14
0.50
18,550
14,517
7,259
5,323
37,745
14,195
20,324
0.26
0.27
1.00
5,110
3,999
2,000
1,466
10,398
3,910
5,599
0.52
0.55
5 Only available in sealed models with a glass window.
6 Only available in sealed model with glass window.
LED Series Sealed High-Intensity Area Lights
P/N 153957 Rev. F
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com