Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC101 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # DTC101
Description  Bias Resistor Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC101 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  DTC101 Datasheet HTML 1Page - First Silicon Co., Ltd DTC101 Datasheet HTML 2Page - First Silicon Co., Ltd DTC101 Datasheet HTML 3Page - First Silicon Co., Ltd DTC101 Datasheet HTML 4Page - First Silicon Co., Ltd DTC101 Datasheet HTML 5Page - First Silicon Co., Ltd DTC101 Datasheet HTML 6Page - First Silicon Co., Ltd DTC101 Datasheet HTML 7Page - First Silicon Co., Ltd DTC101 Datasheet HTML 8Page - First Silicon Co., Ltd DTC101 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2008. 8. 28
4/16
DTC 101 ~ 108, DTC 110 ~ 112 / 114 /117, DTC 123 / 124
Revision No : 1
TYPICAL ELECTRICAL CHARACTERISTICS
DTC101
TA = 75 C
IC/IB =10
12
1
0.1
0.001
16
8
20
4
IC, COLLECTOR CURRENT (mA)
0.01
24
28
–25 C
25 C
Figure 22. VCE(sat) vs. IC
Figure 23. DC Current Gain
VCE = 10 V
0
1000
100
25
50
10
100
1
75
IC, COLLECTOR CURRENT (mA)
TA = 75 C
–25 C
25 C
125
Figure 24. Output Capacitance
f = 1 MHz
IE = 0 A
TA = 25 C
0
100
10
2
4
6
1
0.1
0.01
8
0
4
3
20
2
1
0
VIN, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
60
10
50
40
30
5
6
VO = 5 V
75 C
TA = –25 C
25 C
Figure 26. Output Voltage vs. Input Current
VO = 0.2 V
0
10
10
20
30
1
0.1
IC, COLLECTOR CURRENT (mA)
TA = –25 C
75 C
25 C
Figure 25. Output Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com