Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC101 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # DTC101
Description  Bias Resistor Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC101 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  DTC101 Datasheet HTML 1Page - First Silicon Co., Ltd DTC101 Datasheet HTML 2Page - First Silicon Co., Ltd DTC101 Datasheet HTML 3Page - First Silicon Co., Ltd DTC101 Datasheet HTML 4Page - First Silicon Co., Ltd DTC101 Datasheet HTML 5Page - First Silicon Co., Ltd DTC101 Datasheet HTML 6Page - First Silicon Co., Ltd DTC101 Datasheet HTML 7Page - First Silicon Co., Ltd DTC101 Datasheet HTML 8Page - First Silicon Co., Ltd DTC101 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 3.)
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5V, RL = 1.0KΩ)
VOL
DTC102
–
–
0.2
DTC103
–
–
0.2
–
–
0.2
DTC107
–
–
0.2
DTC111
–
–
0.2
DTC110
–
–
0.2
DTC123
–
–
0.2
DTC117
–
–
0.2
DTC101
–
–
0.2
DTC106
–
–
0.2
DTC108
–
–
0.2
DTC105
–
–
0.2
DTC124
–
–
0.2
DTC112
–
–
0.2
Vdc
VOH
4.9
–
–
Vdc
Input Resistor
R1
7.0
10
13
15.4
22
28.6
32.9
47
61.1
7.0
10
13
7.0
10
13
3.3
4.7
6.1
0.7
1.0
1.3
1.5
2.2
2.9
3.3
4.7
6.1
3.3
4.7
6.1
15.4
22
28.6
1.54
2.2
2.86
1.54
2.2
2.88
70
100
130
Resistor Ratio
R1/R2
0.8
1.0
3. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
2008. 8. 28
3/16
DTC 101 ~ 108, DTC 110 ~ 112 / 114 /117, DTC 123 / 124
Revision No : 1
DTC102
DTC103
DTC104
DTC107
DTC111
DTC110
DTC123
DTC117
DTC101
DTC106
DTC108
DTC105
DTC124
DTC112
DTC104
(VCC = 5.0 V, VB = 3.5V, RL = 1.0KΩ)
(VCC = 5.0 V, VB = 5.0V, RL = 1.0KΩ)
Output Voltage (off) (VCC = 5.0 V, VB = 0.5V, RL = 1.0KΩ)
(VCC = 5.0 V, VB = 0.25V, RL = 1.0KΩ)
DTC111
(VCC = 5.0 V, VB = 0.05V, RL = 1.0KΩ)
DTC110
DTC123
DTC106
DTC124
KΩ
DTC102 / DTC103 / DTC104
DTC107
DTC110 / DTC111 / DTC124
DTC101 / DTC123 / DTC117
DTC106
DTC108
DTC105
0.8
0.038
0.055
–
0.38
0.17
–
1.0
0.047
0.1
–
0.47
0.21
–
1.2
1.2
0.056
0.185
–
0.56
0.25
–
DTC114
DTC114
32.9
47
61.1
DTC112 / DTC114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com