Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC102 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # DTC102
Description  Bias Resistor Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC102 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  DTC102 Datasheet HTML 1Page - First Silicon Co., Ltd DTC102 Datasheet HTML 2Page - First Silicon Co., Ltd DTC102 Datasheet HTML 3Page - First Silicon Co., Ltd DTC102 Datasheet HTML 4Page - First Silicon Co., Ltd DTC102 Datasheet HTML 5Page - First Silicon Co., Ltd DTC102 Datasheet HTML 6Page - First Silicon Co., Ltd DTC102 Datasheet HTML 7Page - First Silicon Co., Ltd DTC102 Datasheet HTML 8Page - First Silicon Co., Ltd DTC102 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2008. 8. 28
5/16
DTC 101 ~ 108, DTC 110 ~ 112 / 114 /117, DTC 123 / 124
Revision No : 1
TYPICAL ELECTRICAL CHARACTERISTICS
DTC102
100
10
1
0.1
0.01
0.001
0
1
2
3
4
VIN, INPUT VOLTAGE (VOLTS)
5
6
7
8
9
10
TA = –25 C
75 C
25 C
1000
100
10
0
0
1
0
1
1
IC, COLLECTOR CURRENT (mA)
50
0
10
20
30
40
4
3
1
2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 A
TA = 25 C
VCE = 10 V
Figure 1. Derating Curve
250
200
150
100
50
0
–50
0
50
100
150
TA, AMBIENT TEMPERATURE (5 C)
Figure 2. VCE(sat) vs. IC
RθJA= 625 C/W
TA = 75 C
–25 C
25 C
10
0
20
30
IC, COLLECTOR CURRENT (mA)
10
1
0.1
40
50
Figure 3. DC Current Gain
TA = –25 C
75 C
25 C
VO = 0.2 V
1
0.1
0.01
0.001
0
20
40
60
80
IC, COLLECTOR CURRENT (mA)
IC/IB = 10
TA = –25 C
75 C
25 C
Figure 4. Output Capcitance
Figure 5. Output Current vs. Input Voltage
VO = 5V
Figure 6. Input Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com