Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC102 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTC102
Description  Bias Resistor Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC102 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTC102 Datasheet HTML 1Page - First Silicon Co., Ltd DTC102 Datasheet HTML 2Page - First Silicon Co., Ltd DTC102 Datasheet HTML 3Page - First Silicon Co., Ltd DTC102 Datasheet HTML 4Page - First Silicon Co., Ltd DTC102 Datasheet HTML 5Page - First Silicon Co., Ltd DTC102 Datasheet HTML 6Page - First Silicon Co., Ltd DTC102 Datasheet HTML 7Page - First Silicon Co., Ltd DTC102 Datasheet HTML 8Page - First Silicon Co., Ltd DTC102 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance – Junction-to-Ambient (Note 1.)
RθJA
508
C/W
Operating and Storage Temperature Range
TJ, Tstg
–55 to +150
C
Maximum Temperature for Soldering Purposes,
Time in Solder Bath
TL
260
10
C
Sec
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB= 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCE= 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
(VEB= 6.0 V, IC=0)
IEBO
DTC102
0.5
DTC103
0.2
DTC104
0.1
DTC107
0.2
DTC111
0.9
DTC110
1.9
DTC123
4.3
DTC117
2.3
DTC101
1.5
DTC106
0.18
DTC108
0.13
DTC105
0.2
DTC124
4.0
DTC112
0.1
mAdc
Collector-Base Breakdown Voltage (IC = 10µA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 2.), (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS
DC Current Gain
(VCE= 10 V, IC=5.0mA)
hFE
35
60
60
100
80
140
80
140
160
350
160
350
3.0
5.0
8.0
15
15
30
80
200
80
150
80
140
160
350
160
350
Collector-Emitter Saturation Voltage (IC= 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA)
(IC = 10 mA, IB = 1 mA)
VCE(sat)
0.25
Vdc
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
2008. 8. 28
2/16
DTC 101 ~ 108, DTC 110 ~ 112 / 114 /117, DTC 123 / 124
Revision No : 1
DTC102
DTC103
DTC104
DTC107
DTC111
DTC110
DTC123
DTC117
DTC101
DTC106
DTC108
DTC105
DTC124
DTC112
DTC117 / DTC123
DTC101 / DTC105 /
DTC106 / DTC108 / DTC111 /
DTC110 / DTC124
DTC114
0.2
DTC114
160
350
DTC114 /



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com