Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWC310 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # DWC310
Description  Dual Bias ResistorTransistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWC310 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  DWC310 Datasheet HTML 1Page - First Silicon Co., Ltd DWC310 Datasheet HTML 2Page - First Silicon Co., Ltd DWC310 Datasheet HTML 3Page - First Silicon Co., Ltd DWC310 Datasheet HTML 4Page - First Silicon Co., Ltd DWC310 Datasheet HTML 5Page - First Silicon Co., Ltd DWC310 Datasheet HTML 6Page - First Silicon Co., Ltd DWC310 Datasheet HTML 7Page - First Silicon Co., Ltd DWC310 Datasheet HTML 8Page - First Silicon Co., Ltd DWC310 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS
(T A= 25°C unless otherwise noted, common for Q 1 and Q 2 ,)
(Continued)
ti
n
U
x
a
M
p
y
T
n
i
M
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
ON CHARACTERISTICS(Note 5.)
DC Current Gain
DWC302
(V CE = 10 V, I C = 5.0 mA)
DWC303
DWC304
DWC307
DWC310
DWC311
DWC317
DWC323
DWC301
DWC306
DWC308
DWC305
DW309
DWC322
h FE
–
–
–
–
–
–
–
–
–
–
–
–
–
–
35
60
80
80
160
160
8.0
3.0
15
80
80
80
80
80
60
100
140
140
350
350
15
5.0
30
200
150
140
150
140
Output Voltage (on)
(V
CC = 5.0 V, V B = 2.5 V, R L = 1.0 kΩ)
DWC302
DWC303
DWC307
DWC311
DWC301
DWC310
DWC317
DWC323
DWC305
DWC306
DWC308
DWC304
DWC309
DWC322
V
OL
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
(V
CC = 5.0 V, V B = 3.5 V, R L = 1.0 kΩ)
(V
CC = 5.0 V, V B = 5.5 V, R L = 1.0 kΩ)
(V
CC = 5.0 V, V B = 4.0 V, R L = 1.0 kΩ)
Output Voltage (off) (V CC = 5.0 V, V B = 0.5 V, R L= 1.0 kΩ)
(V CC= 5.0 V, V B = 0.05 V, R L = 1.0 kΩ)
DWC323
(V CC= 5.0 V, V B = 0.25 V, R L = 1.0 kΩ)
DWC306
DWC310
DWC311
Collector-Emitter Saturation Voltage (IC= 10mA,IB= 0.3 mA) V CE(sat)
–
–
0.25
Vdc
(I C= 10mA, I B= 5mA) DWC317/DWC323
(I C= 10mA, IB= 1mA) DWC310/DWC311
DWC301/DWC306/DWC308
V OH
4.9
–
–
Vdc
5. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
2009. 12. 04
4/10
Revision No : 0
DWC301~311, DWC317, 322, 323



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com