Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWC310 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # DWC310
Description  Dual Bias ResistorTransistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWC310 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  DWC310 Datasheet HTML 1Page - First Silicon Co., Ltd DWC310 Datasheet HTML 2Page - First Silicon Co., Ltd DWC310 Datasheet HTML 3Page - First Silicon Co., Ltd DWC310 Datasheet HTML 4Page - First Silicon Co., Ltd DWC310 Datasheet HTML 5Page - First Silicon Co., Ltd DWC310 Datasheet HTML 6Page - First Silicon Co., Ltd DWC310 Datasheet HTML 7Page - First Silicon Co., Ltd DWC310 Datasheet HTML 8Page - First Silicon Co., Ltd DWC310 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
(T A= 25°C unless otherwise noted, common for Q 1 and Q 2 )
ti
n
U
x
a
M
p
y
T
n
i
M
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(V CB = 50 V, I E = 0)
I CBO
–
–
100
nAdc
Collector-Emitter Cutoff Current (V CE = 50 V, I B = 0)
I CEO
–
–
500
nAdc
Emitter-Base Cutoff Current
(V EB = 6.0 V, I C = 0)
DWC304
DWC307
DWC310
DWC311
DWC317
DWC323
DWC301
DWC306
DWC308
DWC305
DWC309
DWC322
I EBO
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
0.5
0.2
0.1
0.2
1.9
0.9
2.3
4.3
1.5
0.18
0.13
0.2
0.13
0.05
mAdc
Collector-Base Breakdown Voltage (I C = 10 µA, I E = 0)
V (BR)CBO
50
–
–
Vdc
Collector-Emitter Breakdown Voltage(Note 4.)(IC = 2.0 mA,I B=0) V (BR)CEO
50
–
–
Vdc
4. Pulse Test: Pulse Width < 300 µs, Duty Cycle < 2.0%
2009. 12. 04
3/10
Revision No : 0
DWC301~311, DWC317, 322, 323
DWC302
DWC303



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com