Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAR0301-SW2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACAR0301-SW2
Description  Low Profile Dual Band WiFi Chip Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACAR0301-SW2 Datasheet(HTML) 1 Page - Abracon Corporation

  ACAR0301-SW2 Datasheet HTML 1Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 2Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 3Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 4Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 5Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 6Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 7Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 8Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.09.2018
Low Profile Dual Band WiFi Chip Antenna
Pb
3.05 x 1.60 x 0.55 mm
RoHS/RoHS II Compliant
MSL = 1
ACAR0301-SW2
Features
Applications
Electrical Characteristics
Item
Spec*
Comments
Working Frequency
2400~2500MHz 5150~5825MHz Dual 2.4GHz and 5GHz bands
VSWR
2:1
2:1
Peak Gain (2400~2500MHz)
Typ 1.0 dBi
Typ 2.5 dBi
Efficiency
75%
80%
Polarization
Linear
Impedance
50 Ω
Operating Temperature
-40˚C ~ 85˚C
Storage Temperature
-40˚C ~ 85˚C
* Data collected per Table on standard evaluation board, and under the environmental conditions of
+40˚C and 0-95% relative humidity.
• Dual band WiFi 2.4 GHz/5.5 GHz
• Low profile
• Gain of 1.0/2.5 dBi
• Omnidirectional pattern
• Low VSWR of 2.0
• WiFi
• Bluetooth
• ISM
• Wearables
• IoT
• AR/VR
• Drones
• Broadband connectivity


Similar Part No. - ACAR0301-SW2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACAR0301-SW2-EVB ABRACON-ACAR0301-SW2-EVB Datasheet
716Kb / 4P
Dual Band WiFi Chip Antenna Evaluation Board
09-2-19
More results

Similar Description - ACAR0301-SW2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-103-T ABRACON-ACA-103-T Datasheet
1Mb / 4P
Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz
10.03.13
logo
Pulse A Technitrol Comp...
W5030 PULSE-W5030 Datasheet
560Kb / 6P
Band WiFi Antenna
logo
Unictron Technologies C...
H2U84W1H1S0300 UNICTRON-H2U84W1H1S0300 Datasheet
1Mb / 21P
WiFi Dual Band Ceramic Chip Antenna
logo
Raltron Electronics Cor...
RPA-W2W5-P-25-G RALTRON-RPA-W2W5-P-25-G Datasheet
212Kb / 3P
DUAL BAND WiFi PATCH ANTENNA
logo
Abracon Corporation
ACAG0301-24505500-T ABRACON-ACAG0301-24505500-T Datasheet
8Mb / 6P
Dual band (2.4 GHz & 5.5 GHz) WiFi/Bluetooth Chip Antenna
06.21.2018
ACAR0301-SW2-EVB ABRACON-ACAR0301-SW2-EVB Datasheet
716Kb / 4P
Dual Band WiFi Chip Antenna Evaluation Board
09-2-19
logo
Linx Technologies
ANT-5-VDP-2000-SMA LINX-ANT-5-VDP-2000-SMA Datasheet
943Kb / 8P
Remote Adhesive-Mount Dual-Band WiFi Antenna
2021
ANT-5-HDP-2000-SMA LINX-ANT-5-HDP-2000-SMA Datasheet
987Kb / 8P
Remote Adhesive-Mount Dual-Band WiFi Antenna
2021
logo
Molex Electronics Ltd.
2042810100 MOLEX-2042810100_V01 Datasheet
167Kb / 1P
2.4/5GHZ WIFI DUAL BAND ANTENNA
2020/09/15
AS-2143941000 MOLEX-AS-2143941000 Datasheet
2Mb / 20P
MOLEX DUAL BAND WIFI MIMO ANTENNA APPLICATION SPECIFICATION
2019/12/26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com