Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAR0301-SW2 Datasheet(PDF) 10 Page - Abracon Corporation

Part # ACAR0301-SW2
Description  Low Profile Dual Band WiFi Chip Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACAR0301-SW2 Datasheet(HTML) 10 Page - Abracon Corporation

Back Button ACAR0301-SW2 Datasheet HTML 2Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 3Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 4Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 5Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 6Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 7Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 8Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 9Page - Abracon Corporation ACAR0301-SW2 Datasheet HTML 10Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.09.2018
Low Profile Dual Band WiFi Chip Antenna
Pb
3.05 x 1.60 x 0.55 mm
RoHS/RoHS II Compliant
MSL = 1
ACAR0301-SW2
Manual Soldering:
Soldering condition: Soldering iron temperature 270°C±10°C. Apply preheating at 120°C for 2-3 minutes. Finish soldering for each
terminal within 3 seconds, if soldering iron over temperature 270±10°C or 3 seconds, it will make component surface peeling or
damage.
Packaging
Tape Dimensions (mm)
Reel Dimensions (mm)
1 Blister tape to IEC 286-3, polyester.
2 Pieces/tape: 5000
ATTENTION: Abracon LLC’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability
where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment,
written consent and authorization from Abracon LLC is required. Please contact Abracon LLC for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com