Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29CF040-55CCIN Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # AS29CF040-55CCIN
Description  512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29CF040-55CCIN Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS29CF040-55CCIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 16Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
I/O6: Toggle Bit I
Toggle Bit I on I/O6 indicates whether an Embedded Program
or Erase algorithm is in progress or complete, or whether the
device has entered the Erase Suspend mode. Toggle Bit I
may be read at any address, and is valid after the rising edge
of the final
WE pulse in the command sequence (prior to
the program or erase operation), and during the sector erase
time-out.
During an Embedded Program or Erase algorithm operation,
successive read cycles to any address cause I/O6 to toggle.
(The system may use
OE and CE to control the read
cycles.) When the operation is complete, I/O6 stops toggling.
After an erase command sequence is written, if all sectors
selected for erasing are protected, I/O6 toggles for
approximately 100µs, then returns to reading array data. If
not all selected sectors are protected, the Embedded Erase
algorithm erases the unprotected sectors, and ignores the
selected sectors that are protected.
The system can use I/O6 and I/O2 together to determine
whether a sector is actively erasing or is erase-suspended.
When the device is actively erasing (that is, the Embedded
Erase algorithm is in progress), I/O6 toggles. When the
device enters the Erase Suspend mode, I/O6 stops toggling.
However, the system must also use I/O2 to determine which
sectors are erasing or erase-suspended. Alternatively, the
system can use I/O7 (see the subsection on " I/O7 :
Data
Polling").
If a program address falls within a protected sector, I/O6
toggles for approximately 2µs after the program command
sequence is written, then returns to reading array data.
I/O6 also toggles during the erase-suspend-program mode,
and stops toggling once the Embedded Program algorithm is
complete.
The Write Operation Status table shows the outputs for
Toggle Bit I on I/O6. Refer to Figure 4 for the toggle bit
algorithm, and to the Toggle Bit Timings figure in the "AC
Characteristics" section for the timing diagram. The I/O2 vs.
I/O6 figure shows the differences between I/O2 and I/O6 in
graphical form. See also the subsection on " I/O2: Toggle Bit
II".
I/O2: Toggle Bit II
The "Toggle Bit II" on I/O2, when used with I/O6, indicates
whether a particular sector is actively erasing (that is, the
Embedded Erase algorithm is in progress), or whether that
sector is erase-suspended. Toggle Bit II is valid after the
rising edge of the final
WE pulse in the command
sequence.
I/O2 toggles when the system reads at addresses within
those sectors that have been selected for erasure. (The
system may use
OE and CE to control the read cycles.)
But I/O2 cannot distinguish whether the sector is actively
erasing or is erase-suspended. I/O6, by comparison,
indicates whether the device is actively erasing, or is in
Erase Suspend, but cannot distinguish which sectors are
selected for erasure. Thus, both status bits are required for
sector and mode information. Refer to Table 5 to compare
outputs for I/O2 and I/O6.
Figure 4 shows the toggle bit algorithm in flowchart form, and
the section " I/O2: Toggle Bit II" explains the algorithm. See
also the " I/O6: Toggle Bit I" subsection. Refer to the Toggle
Bit Timings figure for the toggle bit timing diagram. The I/O2
vs. I/O6 figure shows the differences between I/O2 and I/O6 in
graphical form.
Reading Toggle Bits I/O6, I/O2
Refer to Figure 4 for the following discussion. Whenever the
system initially begins reading toggle bit status, it must read
I/O7 - I/O0 at least twice in a row to determine whether a
toggle bit is toggling. Typically, a system would note and
store the value of the toggle bit after the first read. After the
second read, the system would compare the new value of
the toggle bit with the first. If the toggle bit is not toggling, the
device has completed the program or erase operation. The
system can read array data on I/O7 - I/O0 on the following
read cycle.
However, if after the initial two read cycles, the system
determines that the toggle bit is still toggling, the system also
should note whether the value of I/O5 is high (see the section
on I/O5). If it is, the system should then determine again
whether the toggle bit is toggling, since the toggle bit may
have stopped toggling just as I/O5 went high. If the toggle bit
is no longer toggling, the device has successfully completed
the program or erase operation. If it is still toggling, the
device did not complete the operation successfully, and the
system must write the reset command to return to reading
array data.
The remaining scenario is that the system initially determines
that the toggle bit is toggling and I/O5 has not gone high. The
system may continue to monitor the toggle bit and I/O5
through successive read cycles, determining the status as
described in the previous paragraph. Alternatively, it may
choose to perform other system tasks. In this case, the
system must start at the beginning of the algorithm when it
returns to determine the status of the operation (top of Figure
4).
I/O5: Exceeded Timing Limits
I/O5 indicates whether the program or erase time has
exceeded a specified internal pulse count limit. Under these
conditions I/O5 produces a "1." This is a failure condition that
indicates the program or erase cycle was not successfully
completed.
The I/O5 failure condition may appear if the system tries to
program a "1 "to a location that is previously programmed to
"0." Only an erase operation can change a "0" back to a "1."
Under this condition, the device halts the operation, and
when the operation has exceeded the timing limits, I/O5
produces a "1."
Under both these conditions, the system must issue the reset
command to return the device to reading array data.
I/O3: Sector Erase Timer
After writing a sector erase command sequence, the system
may read I/O3 to determine whether or not an erase
operation has begun. (The sector erase timer does not apply
to the chip erase command.) If additional sectors are
selected for erasure, the entire time-out also applies after
each additional sector erase command. When the time-out is
complete, I/O3 switches from "0" to "1." The system may
ignore I/O3 if the system can guarantee that the time between
additional sector erase commands will always be less than
50µs. See also the "Sector Erase Command Sequence"
section.
AS29CF040-55CCIN
Confidential
- 13 of 27 -
Rev.1.0. July 2019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com