Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29CF040-55CCIN Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS29CF040-55CCIN
Description  512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29CF040-55CCIN Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS29CF040-55CCIN Datasheet HTML 17Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 18Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 19Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 20Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 21Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 22Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 23Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 24Page - Alliance Semiconductor Corporation AS29CF040-55CCIN Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Timing Waveforms for I/O2 vs. I/O6
AC Characteristics
Erase and Program Operations
Alternate
CE Controlled Writes
Parameter Symbols
Speed
JEDEC
Std
Description
-55
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min.
55
ns
tAVEL
tAS
Address Setup Time
Min.
0
ns
tELAX
tAH
Address Hold Time
Min.
40
ns
tDVEH
tDS
Data Setup Time
Min.
25
ns
tEHDX
tDH
Data Hold Time
Min.
0
ns
tGHEL
tGHEL
Read Recover Time Before Write
Min.
0
ns
tWLEL
tWS
WE Setup Time
Min.
0
ns
tEHWH
tWH
WE Hold Time
Min.
0
ns
tELEH
tCP
Write Pulse Width
Min.
30
ns
tEHEL
tCPH
Write Pulse Width High
Min.
20
ns
tWHWH1
tWHWH1
Byte Programming Operation (Note 2)
Typ.
35
µ
s
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ.
2
sec
Notes:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more information.
Enter
Embedded
Erasing
Erase
Suspend
Enter Erase
Suspend Program
Erase
Resume
WE
I/O6
I/O2
Erase
Erase Suspend
Read
Erase Suspend
Read
Erase
Erase
Complete
I/O2 and I/O6 toggle with OE and CE
Note : Both I/O6 and I/O2 toggle with OE or CE. See the text on I/O6 and I/O2 in the section "Write Operation Statue" for
more information.
Erase
Suspend
Program
AS29CF040-55CCIN
Confidential
- 21 of 27 -
Rev.1.0. July 2019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com