Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT30TS01 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT30TS01
Description  짹0.5째C Accurate, 1.7V Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS01 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT30TS01 Datasheet HTML 17Page - ATMEL Corporation AT30TS01 Datasheet HTML 18Page - ATMEL Corporation AT30TS01 Datasheet HTML 19Page - ATMEL Corporation AT30TS01 Datasheet HTML 20Page - ATMEL Corporation AT30TS01 Datasheet HTML 21Page - ATMEL Corporation AT30TS01 Datasheet HTML 22Page - ATMEL Corporation AT30TS01 Datasheet HTML 23Page - ATMEL Corporation AT30TS01 Datasheet HTML 24Page - ATMEL Corporation AT30TS01 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
AT30TS01 [DATASHEET]
Atmel-8952A-DTS-AT30TS01-Datasheet_122015
6.2.9
Device ID Register (16-bit Read-only, Address = 07h)
The upper or high order byte is used to specify the device identification, and the low byte is used to specify the
device revision. The Device ID for the AT30TS01 is 3200h (see Table 6-18).
Table 6-18.
Device ID Register Bit Distribution
6.3
Temperature Sensor Write Operations
Writing to the AT30TS01 Temperature Register is accomplished through a modified write operation for two data
bytes. To maintain 2-wire compatibility, the 16-bit registers are accessed through a Pointer Register requiring
the TS write sequence to include a Pointer Register byte following the device address byte to write the two data
bytes. Figure 6-2 illustrates the entire write transaction.
Figure 6-2.
Temperature Sensor Register Write Operation
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Symbol
Device ID
Default Value
0
0
1
1
0
0
1
0
R/W Access
R
R
R
R
R
R
R
R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Symbol
Device Revision
Default Value
0
0
0
0
0
0
0
0
R/W Access
R
R
R
R
R
R
R
R
SCL
SDA
Start
by
Master
ACK
from
Slave
ACK
from
Slave
Device Address Byte
Pointer Register Byte
MSB
MSB
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
0
0
1
1
A2
A1
A0
0
0
0
Start
by
Master
ACK
from
Slave
ACK
from
Slave
Most Significant Data Byte
Least Significant Data Byte
Stop
by
Master
MSB
MSB
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
D15 D14
D13 D12
D11
D10
D9
D8
0
D7
D6
D5
D4
D3
D2
D1
D0
0
P7
P6
P5
P4
P3
P2
P1
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com