Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT30TS01 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT30TS01
Description  짹0.5째C Accurate, 1.7V Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS01 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT30TS01 Datasheet HTML 1Page - ATMEL Corporation AT30TS01 Datasheet HTML 2Page - ATMEL Corporation AT30TS01 Datasheet HTML 3Page - ATMEL Corporation AT30TS01 Datasheet HTML 4Page - ATMEL Corporation AT30TS01 Datasheet HTML 5Page - ATMEL Corporation AT30TS01 Datasheet HTML 6Page - ATMEL Corporation AT30TS01 Datasheet HTML 7Page - ATMEL Corporation AT30TS01 Datasheet HTML 8Page - ATMEL Corporation AT30TS01 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
AT30TS01 [DATASHEET]
Atmel-8952A-DTS-AT30TS01-Datasheet_122015
4
2.
Pin Descriptions and Pinout
Table 2-1.
Pin Descriptions
Figure 2-1.
Pinout
Note:
The metal pad on the bottom of the WDFN package is not internally connected to a voltage potential. This pad can
be a “no connect” or connected to GND.
Symbol
Name and Function
Asserted
State
Type
SCL
Serial Clock: The SCL pin is used to provide a clock to the device and is used
to control the flow of data to and from the device. Command and input data
present on the SDA pin is always latched in on the rising edge of SCL, while
output data on the SDA pin is always clocked out on the falling edge of SCL.
The SCL pin must either be forced high when the serial bus is idle or pulled-high
using an external pull-up resistor.
—
Input
SDA
Serial Data: The SDA pin is an open-drain bidirectional input/output pin used to
serially transfer data to and from the device.
The SDA pin must be pulled-high using an external pull-up resistor (not to
exceed 8K
 in value) and may be wire-ORed with any number of other
open-drain or open-collector pins from other devices on the same bus.
—
Input/
Output
EVENT
EVENT: The EVENT pin is an open-drain output pin used to indicate when the
temperature goes beyond the user-programmed temperature limits. The EVENT
pin can be operated in one of three different modes; Interrupt, Comparator, or
Critical Alarm Modes. The ALERT pin must be pulled-high using an external
pull-up resistor for proper operation.
—
Output
A2, A1, A0
Device Address Inputs: The A0, A1, and A2 pins are used to select the Device
Address and corresponds to the three Least-Significant bits (LSb) of the I2C
FM+ seven bit slave address. These pins can directly be connected to VCC or
GND in any combination, allowing up to eight devices on the same bus.
—
Input
VCC
Device Power Supply: The VCC pin is used to supply the source voltage to the
device. Operations at invalid VCC voltages may produce spurious results and
should not be attempted.
—
Power
GND
Ground: The ground reference for the power supply. GND should be connected
to the system ground.
—
Power
8-pad WDFN
(Top View)
A0
A1
A2
GND
VCC
EVENT
SCL
SDA
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com