Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT30TS75 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT30TS75
Description  9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS75 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT30TS75 Datasheet HTML 17Page - ATMEL Corporation AT30TS75 Datasheet HTML 18Page - ATMEL Corporation AT30TS75 Datasheet HTML 19Page - ATMEL Corporation AT30TS75 Datasheet HTML 20Page - ATMEL Corporation AT30TS75 Datasheet HTML 21Page - ATMEL Corporation AT30TS75 Datasheet HTML 22Page - ATMEL Corporation AT30TS75 Datasheet HTML 23Page - ATMEL Corporation AT30TS75 Datasheet HTML 24Page - ATMEL Corporation AT30TS75 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
AT30TS75 [DATASHEET]
Atmel-8748E-DTS-AT30TS75-Datasheet_092013
6.4
T
LOW and THIGH Limit Registers
The 16-bit T
LOW and THIGH Limit Registers store the user-programmable lower and upper temperature limits for the
temperature alarm. Like the Temperature Register, the temperature data values of the T
LOW and THIGH Limit Registers
are stored in the twos complement format with the MSB (bit 15) of the registers containing the sign bit (zero indicates a
positive number and a one indicates a negative number).
As with the Temperature Register, the resolution selected by the R1 and R0 bits of the Configuration Register will
determine how many bits of the T
LOW and THIGH Limit Registers will be used. Therefore, when writing to the TLOW and
T
HIGH Limit Registers, up to 12 bits of data will be recognized by the device with the remaining LSBs being internally fixed
to the Logic 0 state. Similarly, when reading from the registers, up to 12 bits of data will be output from the device with
the remaining LSBs fixed in the Logic 0 state.
Table 6-8.
T
LOW Limit Register and THIGH Limit Register Format
Note:
TD = Temperature Data
To set the value of either the T
LOW or THIGH Limit Register, the Master must first initiate a Start condition followed by the
AT30TS75 device address byte (1001AAA0 where "AAA" corresponds to the hard-wired A
2-0 address pins). After the
AT30TS75 has received the proper address byte, the device will send an ACK to the Master. The Master must then send
the appropriate Pointer Register byte of 02h to select the T
LOW Limit Register or 03h to select the THIGH Limit Register.
After the Pointer Register byte has been sent, the AT30TS75 will send another ACK to the Master. After receiving the
ACK from the AT30TS75, the Master must then send two data bytes to the AT30TS75 to set the value of the T
LOW or
T
HIGH Limit Register. Any subsequent bytes sent to the AT30TS75 will simply be ignored by the device. If the Master
does not send two complete bytes of data prior to issuing a Stop or repeated Start condition, then the AT30TS75 will
ignore the data and the contents of the register will not be changed.
In order to read the T
LOW or THIGH Limit Register, the Pointer Register must be set or have been previously set to 02h to
select the T
LOW Limit Register or 03h to select the THIGH Limit Register (if the previous operation was a Write to one of the
registers, then the Pointer Register will already be set for that particular limit register). If the Pointer Register has already
been set appropriately, the T
LOW or THIGH Limit Register can be read by having the Master first initiate a Start condition
followed by the AT30TS75 device address byte (1001AAA1 where "AAA" corresponds to the hard-wired A
2-0 address
pins). After the AT30TS75 has received the proper address byte, the device will send an ACK to the Master. The Master
can then read the upper byte of the T
LOW or THIGH Limit Register. After the upper byte of the register has been clocked
out of the AT30TS75, the Master must send an ACK to indicate that it is ready for the lower byte of data. The AT30TS75
will then clock out the lower byte of the register, after which the Master must send a NACK to end the operation. When
the AT30TS75 receives the NACK, it will release the SDA line so that the Master can send a Stop or repeated Start
condition. If the Master does not send a NACK but instead sends an ACK after the lower byte of the register has been
clocked out, then the device will repeat the sequence by outputting the data again starting with the upper byte of the
register.
Resolution
Upper Byte
Lower Byte
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
12 bits
Sign
TD
TD
TD
TD
TD
TD
TD
TD
TD
TD
TD
0
0
0
0
11 bits
Sign
TD
TD
TD
TD
TD
TD
TD
TD
TD
TD
0
0
0
0
0
10 bits
Sign
TD
TD
TD
TD
TD
TD
TD
TD
TD
0
0
0
0
0
0
9 bits
Sign
TD
TD
TD
TD
TD
TD
TD
TD
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com