Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT30TS75 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT30TS75
Description  9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS75 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT30TS75 Datasheet HTML 1Page - ATMEL Corporation AT30TS75 Datasheet HTML 2Page - ATMEL Corporation AT30TS75 Datasheet HTML 3Page - ATMEL Corporation AT30TS75 Datasheet HTML 4Page - ATMEL Corporation AT30TS75 Datasheet HTML 5Page - ATMEL Corporation AT30TS75 Datasheet HTML 6Page - ATMEL Corporation AT30TS75 Datasheet HTML 7Page - ATMEL Corporation AT30TS75 Datasheet HTML 8Page - ATMEL Corporation AT30TS75 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AT30TS75 [DATASHEET]
Atmel-8748E-DTS-AT30TS75-Datasheet_092013
4
1.
Description
The Atmel® AT30TS75 is a complete, precise temperature monitoring device designed for use in a variety of applications
that require the measuring of local temperatures as an integral part of the system's function and/or reliability. The
AT30TS75 device combines a high-precision digital temperature sensor, programmable high and low temperature
alarms, and a 2-wire I2C and SMBus (System Management Bus) compatible serial interface into a single, compact
package.
The temperature sensor can measure temperatures over the full -55 C to +125 C temperature range and has a typical
accuracy as precise as ±0.5 C from 0 C to +85 C. The result of the digitized temperature measurements are stored in
one of the AT30TS75 internal registers, which is readable at any time through the device's serial interface.
The AT30TS75 utilizes flexible, user-programmable internal registers to configure the temperature sensor's performance
and response to high and low temperature conditions. A dedicated alarm output activates if the temperature
measurement exceeds the user-defined temperature and fault count limits. To reduce current consumption and save
power, the AT30TS75 features a Shutdown mode that turns off all internal circuitry except for the internal Power-On
Reset (POR) and serial interface circuits.
The AT30TS75 is factory-calibrated and requires no external components to measure temperature. With its flexibility
and high-degree of accuracy, the AT30TS75 is ideal for extended temperature measurements in a wide variety of
communication, computer, consumer, environmental, industrial, and instrumentation applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com