Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRRV75BM Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDRRV75BM
Description  VE Series LED High-Intensity Sealed Ring Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRRV75BM Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDRRV75BM Datasheet HTML 1Page - Banner Engineering Corp. LEDRRV75BM Datasheet HTML 2Page - Banner Engineering Corp. LEDRRV75BM Datasheet HTML 3Page - Banner Engineering Corp. LEDRRV75BM Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
High-Intensity Sealed LED Ring Light for use with VE Series smart cameras
•
Rugged, waterproof IEC IP67 housing, for use with VE Series smart
cameras in wet or dirty environments
•
Six extremely bright LEDs for even illumination of targets
•
Continuous or strobed operation
•
Maintenance-free, rugged construction
•
Power, configure, and mount directly with VE Series smart cameras
•
Available with borosilicate glass or polycarbonate window
Models
The following sealed ring lights are compatible with all WVGA, 1.3 MP, and 2 MP models with lenses installed. The sealed ring
lights are compatible with some 5 MP models with lenses installed1.
Model
LED Color
Window Construction
Connection
LEDIRV75BM
Infrared, 850 nm ±5 nm
Borosillicate Glass
350 mm (13.8 in) Pico 3-Pin Quick-
Disconnect
LEDRRV75BM
Visible red, 625 nm ±5 nm
LEDBRV75BM
Visible blue, 475 nm ±5 nm
LEDGRV75BM
Visible green, 525 nm +10 nm/-5 nm
LEDWRV75BM
Visible white, 6200K +500K/-550K
LEDIRV75PM
Infrared, 850 nm ±5 nm
Polycarbonate Plastic
LEDRRV75PM
Visible red, 625 nm ±5 nm
LEDBRV75PM
Visible blue, 475 nm ±5 nm
LEDGRV75PM
Visible green, 525 nm +10 nm/-5 nm
LEDWRV75PM
Visible white, 6200K +500K/-550K
Install the Ring Light
1
2
3
4
5
1. Remove the black thread protector (not shown) from the camera.
2. Remove the temporary imager cover (not shown).
3. Install and focus the C-mount lens (1).
4. Thread the filter (2), if using, onto the front of the lens.
Filters are recommended to improve image quality.
5. Fit a single o-ring (3) into the undercut area behind the camera threads.
1 For 5 MP camera and lens, the sealed ring light is compatible with 12 mm to 50 mm focal length lenses with a filter installed. Without a filter installed, the
sealed ring light is compatible with 75 mm focal lengths. The use of the LHWK-1 setscrew accessory kit is required for focus and aperture locking when
using a ring light.
VE Series LED High-Intensity Sealed Ring Light
Original Document
208788 Rev. B
1 November 2018
208788


Similar Part No. - LEDRRV75BM

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDRRV70XD5-PM BANNER-LEDRRV70XD5-PM Datasheet
180Kb / 3P
VE Series LED High-Intensity Ring Light
LEDRRV70XD5-XM BANNER-LEDRRV70XD5-XM Datasheet
180Kb / 3P
VE Series LED High-Intensity Ring Light
More results

Similar Description - LEDRRV75BM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
High Intensity SMD LED High Intensity SMD LED
04-Feb-99
logo
OPTEK Technologies
OVLEW1CB9 OPTEK-OVLEW1CB9 Datasheet
898Kb / 5P
White High-Intensity LED Lamp White High-Intensity LED Lamp
logo
Visual Communications C...
VAOLS-1SB1103 VCC-VAOLS-1SB1103 Datasheet
776Kb / 4P
High Intensity LED Light Pipe
logo
Marl International Limi...
SPL8356 MARL-SPL8356 Datasheet
597Kb / 2P
high intensity Step Light
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDRA70XD5-XQ BANNER-LEDRA70XD5-XQ Datasheet
302Kb / 4P
High-Intensity Area Light
LEDRR70XD5-XQ BANNER-LEDRR70XD5-XQ Datasheet
349Kb / 4P
LED High-Intensity Ring Light
LEDIRV62X62M BANNER-LEDIRV62X62M Datasheet
212Kb / 3P
VE Series Ring Lights
LEDRRV70XD5-XM BANNER-LEDRRV70XD5-XM Datasheet
180Kb / 3P
VE Series LED High-Intensity Ring Light
LEDWS50L5-XQ BANNER-LEDWS50L5-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com