Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRRV75BM Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDRRV75BM
Description  VE Series LED High-Intensity Sealed Ring Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRRV75BM Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDRRV75BM Datasheet HTML 1Page - Banner Engineering Corp. LEDRRV75BM Datasheet HTML 2Page - Banner Engineering Corp. LEDRRV75BM Datasheet HTML 3Page - Banner Engineering Corp. LEDRRV75BM Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6. Thread the ring light (4) onto the threaded portion of the camera.
7. Connect the cable from the ring light to the camera (5).
Wiring
Pin
Wire Color
Description
1
Brown
+V
2
Blue
-V
3
Black
Off: +5 V dc to +24 V dc
On: -V or not connected
Maintenance
Regularly remove dust, dirt, or fingerprints from the lens cover. Use anti-static compressed air to blow off dust. If necessary, use a
lens cloth and lens cleaner or window cleaner to wipe off remaining debris.
Sensing Shiny Surfaces
To eliminate direct reflections without using polarizing filters, angle the sensor approximately 15° (or more) from perpendicular to a
shiny surface.
Specifications
Light Source
Six high-intensity LEDs; see models table for wavelengths
Illumination
400 mm (15.75 in) diameter usable light pattern at 0.5 m (1.64 ft)
Supply Voltage and Current
Operating Voltage: 24 V dc ±10%
Strobe Voltage: 5 V dc to 24 V dc at 5 mA maximum
Current Draw at Full Intensity: 270 mA maximum
Strobe Type
PWM (Pulse Width Modulation)
Connection
350 mm (13.8 in) cable with a threaded 3-pin Pico-style connector
Construction
Housing: Painted black aluminum
Window: Polycarbonate or borosilicate glass, depending on model
Operating Conditions
Temperature: –20 °C to +50 °C (–4 °F to +122 °F)
Humidity: 90% maximum relative humidity (non-condensing)
Environmental Rating
IEC IP67 when installed on VE Series smart cameras
Certifications
Information
Technology
Equipment
E365235
Light Characteristics
Values shown are typical at 25 °C.
Lumens
mWatts
Cool White
Green
Red
Blue
IR
LEDxRV75
675
450
300
160
1850
VE Series LED High-Intensity Sealed Ring Light
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 208788 Rev. B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com