Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV42EB Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # BYV42EB
Description  Rectifier diodes ultrafast, rugged
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYV42EB Datasheet(HTML) 2 Page - WeEn Semiconductors

  BYV42EB Datasheet HTML 1Page - WeEn Semiconductors BYV42EB Datasheet HTML 2Page - WeEn Semiconductors BYV42EB Datasheet HTML 3Page - WeEn Semiconductors BYV42EB Datasheet HTML 4Page - WeEn Semiconductors BYV42EB Datasheet HTML 5Page - WeEn Semiconductors BYV42EB Datasheet HTML 6Page - WeEn Semiconductors BYV42EB Datasheet HTML 7Page - WeEn Semiconductors BYV42EB Datasheet HTML 8Page - WeEn Semiconductors BYV42EB Datasheet HTML 9Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
WeEn Semiconductors
Product specification
Rectifier diodes
BYV42E, BYV42EB series
ultrafast, rugged
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 150 V/ 200 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 0.85 V
• Reverse surge capability
• High thermal cycling performance
I
O(AV) = 30 A
• Low thermal resistance
I
RRM = 0.2 A
t
rr ≤ 28 ns
GENERAL DESCRIPTION
Dual, ultra-fast, epitaxial rectifier diodes intended for use as output rectifiers in high frequency switched mode power
supplies.
The BYV42E series is supplied in the SOT78 conventional leaded package.
The BYV42EB series is supplied in the SOT404 surface mounting package.
PINNING
SOT78 (TO220AB)
SOT404
PIN
DESCRIPTION
1
anode 1 (a)
2
cathode (k)
1
3
anode 2 (a)
tab
cathode (k)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYV42E / BYV42EB
-150
-200
V
RRM
Peak repetitive reverse voltage
-
150
200
V
V
RWM
Crest working reverse voltage
-
150
200
V
V
R
Continuous reverse voltage
T
mb ≤ 144˚C
-
150
200
V
I
O(AV)
Average rectified output current square wave
-
30
A
(both diodes conducting)
δ = 0.5; T
mb ≤ 108 ˚C
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
30
A
per diode
T
mb ≤ 108 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
150
A
current per diode
t = 8.3 ms
-
160
A
sinusoidal; with reapplied
V
RWM(max)
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
0.2
A
per diode
I
RSM
Non-repetitive peak reverse
t
p = 100 µs
-
0.2
A
current per diode
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
1. It is not possible to make connection to pin 2 of the SOT404 package
2. SOT78 package, For output currents in excess of 20 A, the cathode connection should be made to the mounting
tab.
tab
September 2018
1
Rev 1.
400
tab
2
1
3
D2PAK (SOT404)
1 2 3
sym084
3
1
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com