Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV42EB Datasheet(PDF) 5 Page - WeEn Semiconductors

Part # BYV42EB
Description  Rectifier diodes ultrafast, rugged
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYV42EB Datasheet(HTML) 5 Page - WeEn Semiconductors

  BYV42EB Datasheet HTML 1Page - WeEn Semiconductors BYV42EB Datasheet HTML 2Page - WeEn Semiconductors BYV42EB Datasheet HTML 3Page - WeEn Semiconductors BYV42EB Datasheet HTML 4Page - WeEn Semiconductors BYV42EB Datasheet HTML 5Page - WeEn Semiconductors BYV42EB Datasheet HTML 6Page - WeEn Semiconductors BYV42EB Datasheet HTML 7Page - WeEn Semiconductors BYV42EB Datasheet HTML 8Page - WeEn Semiconductors BYV42EB Datasheet HTML 9Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
WeEn Semiconductors
Product specification
Rectifier diodes
BYV42E, BYV42EB series
ultrafast, rugged
Fig.7. Maximum t
rr at Tj = 25 ˚C; per diode
Fig.8. Maximum I
rrm at Tj = 25 ˚C; per diode
Fig.9. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.10. Maximum Q
s at Tj = 25 ˚C; per diode
Fig.11. Transient thermal impedance; per diode;
Z
th j-mb = f(tp).
1
10
trr / ns
1
10
100
1000
100
dIF/dt (A/us)
IF=1A
IF=20A
100
10
1.0
1.0
10
100
-dIF/dt (A/us)
Qs / nC
IF=20A
10A
5A
2A
1A
10
1
0.1
0.01
Irrm / A
1
10
100
-dIF/dt (A/us)
IF=1A
IF=20A
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BYV42E
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
0
VF / V
50
40
30
20
10
0
0.5
1.5
1.0
Tj = 150 C
Tj = 25 C
IF / A
max
typ
September 2018
4
Rev 1.
400



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com