Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRI150-3W Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDRI150-3W
Description  LED..I150-3.. Low-Angle LED Ring Lights (150 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRI150-3W Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDRI150-3W Datasheet HTML 1Page - Banner Engineering Corp. LEDRI150-3W Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED..I150-3.. Low-Angle LED Ring Lights (150 mm)
Non-Diffused Lighting for Increased Close-Up Contrast
Printed in USA
11/06
P/N 127582 rev. A
Features
• 150 mm LED ring light for low-angle illumination. See Banner’s website at
www.bannerengineering.com for a complete lighting tutorial.
• Uses 3 tiers of LEDs mounted at 75° to the optical axis.
• Low-angle light enhances contrast of surface defects, etching, and embossed marks.
• Well suited for dot-peened or pin-stamped data matrix marks.
• Solid-state LED light source.
• Continuous or strobed operation is selectable via sensor software.
• Black anodized aluminum housing with ¼ - 20 threaded mounting holes.
• The suggested field of view is 80 mm in diameter and the suggested stand off
is 12.5 mm.
Models
Models*
Illumination
Color
Cable/Connector
Supply Voltage
and Current
LEDRI150-3W
High-intensity,
low-angle light
Visible Red
640 nm
3-conductor, 2 m (6.5')
attached cable with flying
leads (see wiring table)
24V dc ±10% @ 500 mA max.
LEDII150-3W
Infrared
880 nm
24V dc ±10% @ 350 mA max.
LEDRI150-3M
Visible Red
640 nm
2 m (6.5') pigtail with
3-pin, 8 mm male
Pico-style connector
(direct connection to
PresencePLUS P4)
24V dc ±10% @ 500 mA max.
Voltage supplied by PresencePLUS sensor,
if operating at 24V dc (see sensor manual).
LEDII150-3M
Infrared
880 nm
24V dc ±10% @ 350 mA max.
Voltage supplied by PresencePLUS sensor,
if operating at 24V dc (see sensor manual).
*For 9 m (30') cable, add suffix “W30” to the model number (e.g., LEDRI150-3W W30).
Specifications
Useful Life
When operated within specification, output will decrease less than 20% after 20,000 hours and less than 30%
after 30,000 hours.
NOTE: Actual useful life of strobed lights depends on duty cycle.
Environmental Rating
IEC IP0; NEMA 0
Operating Conditions
Temperature: 0° to +50° C (+32° to 122° F)
Maximum relative humidity: 90% at 50° C (non-condensing) max.
Cleaning Instructions
Regularly remove any dust and dirt from the light source. Blow off dust using anti-static compressed air.
Certifications


Similar Part No. - LEDRI150-3W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDRIVINGFOGT OSRAM-LEDRIVINGFOGT Datasheet
111Kb / 3P
Additional mounting for LEDriving FOG
More results

Similar Description - LEDRI150-3W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3369 SIEMENS-LS3369 Datasheet
126Kb / 7P
LC 3 mm T1 LED, Diffused Low Current LED
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
3 mm T1 3/4 LED, Diffused Wide-Angle LED
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
List of Unclassifed Man...
LEDRS75N ETC1-LEDRS75N Datasheet
45Kb / 2P
LED Highly-Diffused Lights (75 mm)
logo
Altech corporation
2PLLXL ALTECH-2PLLXL Datasheet
492Kb / 1P
Lenses for 22 mm Pilot Lights with LED
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDIR62X62M BANNER-LEDIR62X62M Datasheet
227Kb / 2P
LED..R..M Series Ring Lights
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
LED..R..W Series Ring Lights
LEDWO25N BANNER-LEDWO25N Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
LEDWO75N BANNER-LEDWO75N Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com