Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDBSW Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDBSW
Description  LED..SW Series Spot Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDBSW Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDBSW Datasheet HTML 1Page - Banner Engineering Corp. LEDBSW Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Spot Lights for Use with PresencePLUS® Pro Sensors
For the latest technical information about this product, including specifications, dimensions, and wiring, see www.BannerEngineer-
ing.com.
• Low-cost, compact washdown spot lights for PresencePLUS® sensors.
See Banner’s Web site (www.bannerengineering.com) for a complete light-
ing tutorial.
• Continuous or strobed operation is selectable via sensor software.
• Solid-state LED; adjustable spot size (see Specifications on page 1).
• Direct connection to PresencePLUS Pro sensor or to an external power
supply using 3 discrete wires (see Dimensions on page 2)
• Standard 1/4 - 20 thread mounting hole, compatible with camera mounting
bracket knuckle.
Models
Model
Color
Ambient Light Filter Kit
LEDRSW
Visible Red, 620-630 nm
FLTR
LEDWSW
Cool White, 5500-8300 K
FLTB or FLTG
LEDBSW
Blue, 465-485 nm
FLTB
LEDGSW
Green, 520-535 nm
FLTG
Specifications
Light Source
LED; see Models table for wavelengths
Illumination
High-intensity spot light
Supply Voltage and Current
10-30V dc @ 360 mA max.
Connections
PVC-jacketed 3-conductor 2 m (6.5') attached cable
Construction
Black anodized aluminum, glass lens
Environmental Rating
IEC IP67
Useful Life
50,000 hours (LED ON time). When operated within
specification, output will decrease less than 30% after
50,000 hours.
Operating Conditions
-40° to +50° C ( -40° to +122° F)
90% @ 50° C (non-condensing) max. rel. humidity
Cleaning Instructions
Regularly remove any dust, dirt, or fingerprints from the
light source.
1. Blow off dust using anti-static compressed air.
2. If necessary, use a lens cloth and lens cleaner or
window cleaner to wipe off remaining debris. Do
not use any other chemicals for cleaning.
Spot Size Relative to Distance
Distance
152 mm (6")
305 mm (12")
Spot Size
76.2 mm (3") min.
178 mm (7") max.
127 mm (5") min.
305 mm (12") max.
LED..SW Series Spot Lights
P/N 122987 rev. D
2/25/2011
0 122987
5


Similar Part No. - LEDBSW

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDBS50L11-XQ BANNER-LEDBS50L11-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
LEDBS50L20-XQ BANNER-LEDBS50L20-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
LEDBS50L5-XQ BANNER-LEDBS50L5-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
LEDBSM BANNER-LEDBSM Datasheet
173Kb / 2P
LED..SM Series Spot Lights
More results

Similar Description - LEDBSW

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Dialight Corporation
RTO-AW07-001 DIALIGHT-RTO-AW07-001 Datasheet
197Kb / 2P
DuroSite Series LED Visual Signal Lights
D1RW-C13-008 DIALIGHT-D1RW-C13-008_12 Datasheet
648Kb / 8P
Vigilant짰 Series LED Based Obstruction Lights
logo
List of Unclassifed Man...
SPTMR16003WF03 ETC2-SPTMR16003WF03 Datasheet
1Mb / 5P
LED SPT03 Spot Light Series
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
3527 LED Strip Lights
STR1230165CG01 ETC2-STR1230165CG01 Datasheet
1Mb / 7P
5050 LED Strip Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDIR62X62M BANNER-LEDIR62X62M Datasheet
227Kb / 2P
LED..R..M Series Ring Lights
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
LED..R..W Series Ring Lights
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
LED..SM Series Spot Lights
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com