Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDBSW Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDBSW
Description  LED..SW Series Spot Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDBSW Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDBSW Datasheet HTML 1Page - Banner Engineering Corp. LEDBSW Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Installing the Spot Light
NOTE: Before installing this spot light, install an ambient light filter behind the sensor lens. The filter improves
image quality by reducing unwanted ambient light.
Sensing Shiny Surfaces:
To eliminate direct reflections without using polarizing filters, angle the light approximately 15° (or
more) from perpendicular to a shiny surface.
Wiring Table
Spot Light Wire
PresencePLUS Pro Controller Ter-
minal Block
External Power Supply
(Strobed)
External Power Sup-
ply
(Continuous)
Brown
Pin 1 (+V*) Pin 1 (+V*)
+V
+V
Blue
Pin 2 (-V*)
-V
-V
Black/White
Pin 4 (strobe)
+5V dc to 24V dc = OFF
0V dc = ON
-V
* +V = 24V dc ± 10%
-V = dc common
Accessory Mounting Brackets
Spot light's standard 1/4 - 20 thread mounting hole is compatible with camera mounting bracket knuckle.
Model
Description
SMBPPK3
3" Column, Base, and Knuckle Kit
SMBPPK6
6" Column, Base, and Knuckle Kit
SMBPPK
Mounting Bracket Knuckle
SMBPPKB
Mounting Bracket Base
Model
Description
SMBPPKE3
Mounting Bracket Knuckle 3" Extension
SMBPPKE6
Mounting Bracket Knuckle 6" Extension
SMBPPLK
2" Mounting Knuckle Assembly
LED..SW Series Spot Lights
Warranty: Banner Engineering Corporation warrants its products to be free from defects
for a period of one year. Banner Engineering Corporation will repair or replace, free of
charge, any product of its manufacture found to be defective at the time it is returned to
the factory during the warranty period. This warranty does not cover damage or liability
for the improper application of Banner products. This warranty is in lieu of any other
warranty either expressed or implied.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com