Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0790621 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0790621
Description  Feed-through terminal block - OTTA 6-P/P YE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0790621 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0790621 Datasheet HTML 1Page - PHOENIX CONTACT 0790621 Datasheet HTML 2Page - PHOENIX CONTACT 0790621 Datasheet HTML 3Page - PHOENIX CONTACT 0790621 Datasheet HTML 4Page - PHOENIX CONTACT 0790621 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/0790621
07/07/2015   Page 1 / 5
Feed-through terminal block - OTTA 6-P/P YE - 0790621
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Universal terminal block with bolt connection, with test socket screws, cross section: 0.1 - 6 mm², width: 11 mm,
color: Gray
The illustration shows version OTTA
6
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
21.6 GRM
Custom tariff number
85369010
Country of origin
India
Technical data
General
Number of levels
1
Number of connections
2
Nominal cross section
6 mm²
Color
yellow
Insulating material
PA
Inflammability class according to UL 94
V0
Maximum load current
41 A (with 6 mm² conductor cross section)
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Maximum load current
41 A (with 6 mm² conductor cross section)


Similar Part No. - 0790621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0790620 PHOENIX-0790620 Datasheet
75Kb / 5P
Feed-through terminal block - OTTA 6 YE
More results

Similar Description - 0790621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0713122 PHOENIX-0713122 Datasheet
169Kb / 13P
Feed-through terminal block - OTTA 25 M6 PH3
0719249 PHOENIX-0719249 Datasheet
72Kb / 6P
Feed-through terminal block - UK 6 N YE
0790404 PHOENIX-0790404 Datasheet
156Kb / 15P
Bolt connection terminal block - OTTA 6-P/P
0790491 PHOENIX-0790491 Datasheet
125Kb / 8P
Feed-through modular terminal block - OTTA 25-M6
0790543 PHOENIX-0790543 Datasheet
79Kb / 5P
Feed-through terminal block - OTTA 2,5-P/P
0790620 PHOENIX-0790620 Datasheet
75Kb / 5P
Feed-through terminal block - OTTA 6 YE
3001269 PHOENIX-3001269 Datasheet
131Kb / 7P
Disconnect terminal block - OTTA 6-T/SB-P/P
3007110 PHOENIX-3007110 Datasheet
54Kb / 4P
Feed-through terminal block - UDK 4-P/P
3209537 PHOENIX-3209537 Datasheet
78Kb / 6P
Feed-through terminal block - PTUD 6-P
3064098 PHOENIX-3064098 Datasheet
435Kb / 22P
Feed-through terminal block - UT 2,5-MTD P/P
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com