Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0790621 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0790621
Description  Feed-through terminal block - OTTA 6-P/P YE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0790621 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0790621 Datasheet HTML 1Page - PHOENIX CONTACT 0790621 Datasheet HTML 2Page - PHOENIX CONTACT 0790621 Datasheet HTML 3Page - PHOENIX CONTACT 0790621 Datasheet HTML 4Page - PHOENIX CONTACT 0790621 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/0790621
07/07/2015   Page 2 / 5
Feed-through terminal block - OTTA 6-P/P YE - 0790621
Technical data
General
Nominal current IN
41 A
Nominal voltage UN
800 V (the nominal voltage applies to insulated cable lugs)
Open side panel
ja
Dimensions
Width
11 mm
End cover width
1.5 mm
Length
43.5 mm
Height NS 35/7,5
52 mm
Height NS 35/15
59.5 mm
Height NS 32
57 mm
Connection data
Note
Connection bolts
Connection method
Bolt connection
Connection in acc. with standard
IEC 60947-7-1
Conductor cross section solid min.
0.1 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
10
Conductor cross section flexible min.
0.1 mm²
Conductor cross section flexible max.
6 mm²
Min. AWG conductor cross section, flexible
26
Max. AWG conductor cross section, flexible
10
Cable lug connection according to standard
DIN 46 234
Min. cross section for cable lug connection
0.1 mm²
Max. cross section for cable lug connection
6 mm²
Hole diameter
4.3 mm
Width
9.6 mm
Bolt diameter
4 mm
Cable lug connection according to standard
DIN 46237
Min. cross section for cable lug connection
0.5 mm²
Max. cross section for cable lug connection
2.5 mm²
Hole diameter
4.3 mm
Width
9.6 mm
Bolt diameter
4 mm
Screw thread
M4
Tightening torque, min
1.5 Nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com