Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDGS50L20-XQ Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # LEDGS50L20-XQ
Description  LED..S50L.. High-Intensity Spot Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDGS50L20-XQ Datasheet(HTML) 4 Page - Banner Engineering Corp.

  LEDGS50L20-XQ Datasheet HTML 1Page - Banner Engineering Corp. LEDGS50L20-XQ Datasheet HTML 2Page - Banner Engineering Corp. LEDGS50L20-XQ Datasheet HTML 3Page - Banner Engineering Corp. LEDGS50L20-XQ Datasheet HTML 4Page - Banner Engineering Corp. LEDGS50L20-XQ Datasheet HTML 5Page - Banner Engineering Corp. LEDGS50L20-XQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wiring Table
Wire
Purpose
Cable Wire
Color2
Continuous
On
Mode
Strobed Mode
PresencePlus
Pro Controller
Terminal Block
Power
Wires
Brown (1)
+12-30V dc
+12-30V dc
Pin 013
Blue (3)
common
common
Pin 02
Strobe
Polarity
Control
Gray (5)
open
Active Low: open
Open — Active
Low
Active High: connect to common (Blue wire)
Pin 02 — Active
High
Strobe
Voltage
Wires
White (2)
open
0V dc = ON (Active Low) +5 to 30V dc = OFF (Active
Low)
Pin 04
0V dc = OFF (Active
High)
+5 to 30V dc = ON (Active
High)
Black (4)
open
Strobe common
Pin 02
2
3
4
1
5
Figure 1. Pinout for Mating Cordset
Wiring Key
1 = +12-30V dc
2 = Strobe (+)
3 = Common
4 = Strobe common
5 = Active high / Active Low
5-Pin Euro-Style Cordsets
5-Pin Threaded M12/Euro-Style Cordsets (Single Ended)
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.50 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
1.83 m (6 ft)
MQDC1-515
4.57 m (15 ft)
MQDC1-530
9.14 m (30 ft)
MQDC1-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC1-515RA
4.57 m (15 ft)
MQDC1-530RA
9.14 m (30 ft)
2 For Banner-supplied wire.
3 When connecting the light to a PresencePLUS Pro controller terminal block, the controller supply must be 24V dc ± 10%.
LED..S50L.. High-Intensity Spot Light
4
www.bannerengineering.com - tel: 763-544-3164
P/N 158249 Rev. E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com