Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDGS50L20-XQ Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDGS50L20-XQ
Description  LED..S50L.. High-Intensity Spot Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDGS50L20-XQ Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDGS50L20-XQ Datasheet HTML 1Page - Banner Engineering Corp. LEDGS50L20-XQ Datasheet HTML 2Page - Banner Engineering Corp. LEDGS50L20-XQ Datasheet HTML 3Page - Banner Engineering Corp. LEDGS50L20-XQ Datasheet HTML 4Page - Banner Engineering Corp. LEDGS50L20-XQ Datasheet HTML 5Page - Banner Engineering Corp. LEDGS50L20-XQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The following caution applies to blue LED models:
CAUTION:
Risk Group 2: Possibly hazardous optical radiation emitted from this product.
Do not stare at the operating lamp. May be harmful to the eyes. Risk Group 2 (RG 2) products generally
do not pose a realistic optical hazard if aversion responses limit the exposure duration or where lengthy
exposures are unrealistic.
- IEC 62471
The following caution applies to ultraviolet models:
CAUTION:
Risk Group 2: UV Emitted from this product.
Eye or skin irritation may result from exposure. Use appropriate shielding and eye protection. Risk
Group 2 (RG 2) products generally do not pose a realistic optical hazard if aversion responses limit the
exposure duration or where lengthy exposures are unrealistic.
- IEC 62471
The following caution applies to LEDIS50L5-xx infrared models:
CAUTION:
Risk Group 1: IR Emitted from this product.
Use appropriate shielding or eye protection. Risk Group 1 (RG 1) products are safe for most use
applications, except for very prolonged exposures where direct ocular exposures may be expected.
- IEC 62471
Specifications
Supply Voltage and Current
Operating voltage: 12 to 30V dc
Strobe voltage: 5 to 30V dc @ 15 mA max.
Current draw: 400 mA at 12V, 160 mA at 30V
Supply Protection Circuitry
Protected against reverse polarity and transient
voltages
Light Source
Three high-intensity LEDs; see models table for color
temperature or wavelengths
Strobe
Optically isolated, 40kHz max strobe frequency
5 µs minimum on time
Useful Life
When operating within specifications, output will
decrease less than 30% after 50,000 hours for visible
and IR models; 20,000 hours for UV models.
Construction
Black anodized aluminum housing; acrylic window;
nickel-plated QD connector or PVC-jacketed cable;
black zinc-plated steel mounting nut
Mounting:
30x1.5 mm thread base mount
Environmental Rating
IEC IP67, IP69K per DIN 40050-9
NOTE: Do not spray the cable with a
high-pressure sprayer or cable damage
will result.
Connections
Integral 5-pin M12/Euro style QD or 2 m (6.5 ft)
integral cable, depending on model; 5-pin connecting
cordset required for QD models
Operating Conditions
−20 °C to +50 °C (−4 °F to +122 °F)
95% maximum relative humidity (non-condensing)
Vibration and Mechanical Shock
All models meet Mil. Std. 202F requirements method
201A (vibration: 10 to 60 Hz max., double amplitude
0.06", maximum acceleration 10G). Also meets IEC
947-5-2; 30G 11 ms duration, half sine wave.
Storage Temperature
−40 °C to +70 °C (−40 °F to +158 °F)
Certifications
LED..S50L.. High-Intensity Spot Light
2
www.bannerengineering.com - tel: 763-544-3164
P/N 158249 Rev. E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com