Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2007 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM2007
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2007 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM2007 Datasheet HTML 1Page - Anpec Electronics Coropration APM2007 Datasheet HTML 2Page - Anpec Electronics Coropration APM2007 Datasheet HTML 3Page - Anpec Electronics Coropration APM2007 Datasheet HTML 4Page - Anpec Electronics Coropration APM2007 Datasheet HTML 5Page - Anpec Electronics Coropration APM2007 Datasheet HTML 6Page - Anpec Electronics Coropration APM2007 Datasheet HTML 7Page - Anpec Electronics Coropration APM2007 Datasheet HTML 8Page - Anpec Electronics Coropration APM2007 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2002
www.anpec.com.tw
2
APM2007
Symbol
Parameter
Rating
Unit
I
D
*
Maximum Drain Current – Continuous
30
I
DM
Maximum Drain Current – Pulsed
70
A
T
A=25°C
50
P
D
Maximum Power Dissipation
T
A=100°C
10
W
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-55 to 150
°C
RθjA
Thermal Resistance – Junction to Ambient
50
°C/W
* Surface Mounted on FR4 Board, t
≤ 10 sec.
APM 2007N
Sym bol
Param eter
Test Condition
Min.
Typ.
Max.
Unit
Static
BV
DSS
Drain-S ource Breakdown
Voltage
V
GS =0V , IDS= 250 µ A
20
V
I
DSS
Zero G ate Voltage Drain
Current
V
DS = 1 8 V , V GS=0 V
1
µA
V
GS(th)
Gate Threshold Voltage
V
DS =V GS , IDS= 250 µ A
11.5
2
V
I
GSS
Gate Leakage Current
V
GS =
±16V , V
DS=0 V
±100
nA
V
GS = 1 0 V , IDS=30 A
67.5
V
GS =4.5 V , IDS=20 A
89.5
R
DS(ON)
a
Drain-S ource On-state
Resistance
V
GS =2.5 V , IDS=15 A
16
18
m
Ω
V
SD
a
Diode Forward Voltage
I
SD =4 A , V GS=0 V
0.7
1.3
V
Dynam ic
b
Q
g
Total G ate Charge
28
35
Q
gs
Gate-Source Charge
5.2
Q
gd
Gate-Drain Charge
V
DS = 1 0 V , IDS= 5 A
V
GS =4.5 V ,
7.6
nC
t
d(ON)
Turn-on Delay Time
17
32
T
r
Turn-on Rise Tim e
15
29
t
d(OFF)
Turn-off Delay Tim e
45
56
T
f
Turn-off Fall Time
V
DD = 1 0 V , IDS=1A ,
V
GEN =4.5 V , R G=0 .2 Ω
25
32
ns
C
iss
Input Capacitance
2293
C
oss
Output Capacitance
570
C
rss
Reverse Transfer Capacitance
V
GS =0V
V
DS =15 V
Frequency=1.0MHz
390
pF
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings (Cont.) (T
A = 25°C unless otherwise noted)
Notes
a : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%
b : Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com