Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2007 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM2007
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2007 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM2007 Datasheet HTML 1Page - Anpec Electronics Coropration APM2007 Datasheet HTML 2Page - Anpec Electronics Coropration APM2007 Datasheet HTML 3Page - Anpec Electronics Coropration APM2007 Datasheet HTML 4Page - Anpec Electronics Coropration APM2007 Datasheet HTML 5Page - Anpec Electronics Coropration APM2007 Datasheet HTML 6Page - Anpec Electronics Coropration APM2007 Datasheet HTML 7Page - Anpec Electronics Coropration APM2007 Datasheet HTML 8Page - Anpec Electronics Coropration APM2007 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2002
www.anpec.com.tw
3
APM2007
0
10203040506070
0
2
4
6
8
10
12
14
16
0246
8
10
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
Typical Characteristics
VGS=2V
Transfer Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
VGS - Gate-to-Source Voltage (V)
Threshold Voltage vs. Junction Temperature
Tj - Junction Temperature (°C)
IDS=250uA
On-Resistance vs. Drain Current
ID - Drain Current (A)
VGS=10V
Output Characteristics
VGS=3,4,5,6,7,8,9,10V
VDS - Drain-to-Source Voltage (V)
VGS=4.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com