Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM83 Datasheet(PDF) 56 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 56 Page - Microchip Technology

Back Button BM83 Datasheet HTML 52Page - Microchip Technology BM83 Datasheet HTML 53Page - Microchip Technology BM83 Datasheet HTML 54Page - Microchip Technology BM83 Datasheet HTML 55Page - Microchip Technology BM83 Datasheet HTML 56Page - Microchip Technology BM83 Datasheet HTML 57Page - Microchip Technology BM83 Datasheet HTML 58Page - Microchip Technology BM83 Datasheet HTML 59Page - Microchip Technology BM83 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
...........continued
Parameter
Min.
Typ.
Max.
Unit
Threshold voltage
—
1.6
—
V
1.
These parameters are characterized, but not tested on production device.
Table 9-4. Battery Charger (1)
Parameter
Min.
Typ.
Max.
Unit
Adapter input voltage (ADAP_IN)
4.6(2)
5.0
5.5
V
Supply current to charger only
—
3
4.5
mA
Maximum battery fast charge
current
Headroom(3) > 0.7V
(ADAP_IN = 5V)
—
350
—
mA
Headroom = 0.3V to 0.7V
(ADAP_IN = 4.5V)
—
175(4)
—
mA
Trickle charge voltage threshold
—
3
—
V
Battery charge termination current (% of fast charge
current)
—
10
—
%
1.
These parameters are characterized, but not tested on production device.
2.
It needs more time to get battery fully charged when ADAP_IN = 4.5V.
3.
Headroom = VADAP_IN – VBAT_IN.
4.
When VADAP_IN – VBAT_IN > 2V, the maximum fast charge current is 175 mA for thermal protection.
Table 9-5. LED Driver (1)
Parameter
Min.
Typ.
Max.
Unit
Open-drain voltage
—
—
3.6
V
Programmable current range
0
—
5.25
mA
Intensity control
—
16
—
step
Current step
—
0.35
—
mA
Power-down open-drain current
—
—
1
μA
Shutdown current
—
—
1
μA
1.
These parameters are characterized, but not tested on production device.
Table 9-6.  Audio Codec Analog-to-Digital Converter (1,4)
Parameter (Condition)
Min.
Typ.
Max.
Unit
Resolution
—
—
16
Bit
Output sample rate
8
—
48
kHz
SNR ratio(2) (at MIC or Line-In)
—
91
—
dB
Digital gain
-54
—
4.85
dB
Digital gain resolution
—
2 to 6
—
dB
MIC boost gain
—
20
—
dB
Analog gain
—
—
60
dB
BM83
Electrical Characteristics
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com