Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM83 Datasheet(PDF) 1 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 1 Page - Microchip Technology

  BM83 Datasheet HTML 1Page - Microchip Technology BM83 Datasheet HTML 2Page - Microchip Technology BM83 Datasheet HTML 3Page - Microchip Technology BM83 Datasheet HTML 4Page - Microchip Technology BM83 Datasheet HTML 5Page - Microchip Technology BM83 Datasheet HTML 6Page - Microchip Technology BM83 Datasheet HTML 7Page - Microchip Technology BM83 Datasheet HTML 8Page - Microchip Technology BM83 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
BM83
BM83 Bluetooth® Stereo Audio Module Data Sheet
Introduction
The BM83, based on Microchip’s dual-mode IS2083 system-on-chip (SoC) device, is an RF-certified, fully integrated
module with high-performing voice and audio post-processing capability for Bluetooth audio applications. Tuning for
Noise Reduction, Acoustic Echo Cancellation (AEC), and EQ filtering can be customized with an easy-to-use GUI
Configuration Tool. This flexible platform provides multiple digital and analog audio interfaces including stereo
microphones, I2S, Line-In and a stereo audio DAC. It supports easy firmware upgrades via UART, USB and Over-
the-Air (OTA).
This turn-key solution module pre-programmed with firmware that enables Bluetooth audio playback, for a plug-and-
play solution. Control settings for LED drivers and other peripherals can be set via the Configuration Tool. Advanced
developers can use the Software Development Kit (SDK) to implement their embedded applications.
Figure 1. BM83 Module Block Diagram
AUDIO
CODEC
FLASH
MEMORY
CORE
DSP
ROM
POWER
MANAGEMENT
UNIT
BLUETOOTH
TRANSCEIVER
RAM
I/O PORT
XTAL
PCB ANTENNA
IS2083BM
BM83
I2 C
LINE-IN
MIC-1
(ANALOG)
MIC-2
(ANALOG)
MIC-1
(STEREO DIGITAL)
BAT_IN
ADAP_IN
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 1


Similar Part No. - BM83

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
BM83 MICROCHIP-BM83 Datasheet
4Mb / 76P
Microchip Technology [MICROCHIP]^97
2020
BM83 MICROCHIP-BM83 Datasheet
4Mb / 76P
BM83 Bluetooth® Stereo Audio Module Data Sheet
logo
BeRex Corporation
BM831 BEREX-BM831 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer
BM831 BEREX-BM831 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
More results

Similar Description - BM83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
List of Unclassifed Man...
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
WT32 Bluetooth짰 Audio Module?
logo
Microchip Technology
BM63 MICROCHIP-BM63 Datasheet
3Mb / 56P
Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM62 MICROCHIP-BM62 Datasheet
4Mb / 70P
Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM20 MICROCHIP-BM20 Datasheet
2Mb / 46P
Bluetooth짰 4.1 Stereo Audio Module
2015
logo
List of Unclassifed Man...
BTM430 ETC2-BTM430 Datasheet
448Kb / 2P
Bluetooth짰 AT Data Module
logo
Silicon Laboratories
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
logo
Microchip Technology
PIC32MX270F512L MICROCHIP-PIC32MX270F512L Datasheet
186Kb / 6P
PIC32MX270F512L Bluetooth짰 Audio 100-pin to 100-pinTQFPPlug-In Module (PIM) Information Sheet
03/25/14
logo
List of Unclassifed Man...
IS2020 ETC2-IS2020 Datasheet
2Mb / 57P
Bluetooth짰 4.1 Stereo Audio SOC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com