Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR40 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR40
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR40 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR40 Datasheet HTML 1Page - First Silicon Co., Ltd FDR40 Datasheet HTML 2Page - First Silicon Co., Ltd FDR40 Datasheet HTML 3Page - First Silicon Co., Ltd FDR40 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2017. 4. 23
2/4
Revision No : 0
FDR40-04
MAXIMUM RATINGS (TA = 25℃)
Parameter
Symbol
Min.
Max.
Unit
Conditions
Continuous reverse voltage
VR
-
40
V
Continuous forward current
IF
-
120
mA
Repetitive Peak forward surge current
IFSM
-
120
mA
tp<1s;δ<0.5
Non-repetitive peak forward current
IFSM
-
200
mA
tp<10ms
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-65
+150
°C
T
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
j
-
150
°C
Operating ambient temperature
Tamb
-65
+150
°C
DEVICE MARKING
FDR40 = B1 FDR40-04 = CB FDR40-05 = 45 FDR40-06 = L2
ELECTRICAL CHARACTERISTICS(TA= 25℃)
Parameter
Symbol
Max.
Unit
Conditions
Forward voltage(Fig.1)
VF
400
mV
I
F=1mA
560
mv
I
F=10mA
1
v
I
F=40mA
Reverse current(Fig.2;note1)
I R
1
µΑ
V
R=30V
10
µA
V
R=40V
Diode capacitance(Fig.4)
Cd
5
pF
f=1MHz;V
R=0
Note:
1. Pulse test:tp=300
µs;δ=0.02.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
V ALUE
UNIT
CONDITIONS
Thermal resistance from junction to ambient
Rth j-a
500
k/w
note1
Note
1. Refer to SOT23 or SOT143B standard mounting conditions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com