Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR40 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDR40
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR40 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDR40 Datasheet HTML 1Page - First Silicon Co., Ltd FDR40 Datasheet HTML 2Page - First Silicon Co., Ltd FDR40 Datasheet HTML 3Page - First Silicon Co., Ltd FDR40 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2017. 4. 23
3/4
Revision No : 0
FDR40-04
Electrical characteristic curves(TA = 25℃)
102
10
1
10-1
10-20
0.2
0.4
0.6
0.8
1.0
Tamb=150
OC
Tamb=25
OC
Tamb=-40
OC
Tamb=85OC
Fig.1 Forward current as a function of
forward voltage; typical values.
103
102
10
1
10-1
10-2 0
10
20
30
40
Fig.2 Reverse current as a function of
reverse voltage; typical values.
5
4
3
2
1
0
0
10
20
30
40
Fig.4 Diode capacitance as a function of reverse
voltage;typical values.
103
102
10
1
10-1
1
10
102
Fig.3 Differential forward resistance as a function
of forward current;typical values.
Tamb=25
OC
Tamb=85
OC
Tamb=150
OC
f=10KHz
FORWARD VOLTAGE: V F (V)
FORWARD VOLTAGE: V R (V)
FORWARD VOLTAGE: IF (mA)
FORWARD VOLTAGE: VR (V)
f=1MHz Tamb=25OC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com