Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5509 Datasheet(PDF) 13 Page - NEC

Part # 2SC5509
Description  NPN SILICON RF TRANSISTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5509 Datasheet(HTML) 13 Page - NEC

Back Button 2SC5509 Datasheet HTML 7Page - NEC 2SC5509 Datasheet HTML 8Page - NEC 2SC5509 Datasheet HTML 9Page - NEC 2SC5509 Datasheet HTML 10Page - NEC 2SC5509 Datasheet HTML 11Page - NEC 2SC5509 Datasheet HTML 12Page - NEC 2SC5509 Datasheet HTML 13Page - NEC 2SC5509 Datasheet HTML 14Page - NEC 2SC5509 Datasheet HTML 15Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet PU10009EJ01V0DS
13
2SC5509
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Infrared Reflow
Package peak temperature: 235
°C or below,
Time: 30 seconds or less (at 210
°C or higher),
Count: 2 times or less, Exposure limit: None
Note
IR30-00-2
VPS
Package peak temperature: 215
°C or below,
Time: 40 seconds or less (at 200
°C or higher),
Count: 2 times or less, Exposure limit: None
Note
VP15-00-2
Wave Soldering
Soldering bath temperature: 260
°C or below,
Time: 10 seconds or less,
Count: 1 time, Exposure limit: None
Note
WS60-00-1
Note After opening the dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
For the details the recommended soldering conditions, refer to the document SEMICONDUCTOR DEVICE
MOUNTING TECHNOLOGY MANUAL (C10535E: published by NEC Corporation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com