Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNB111S5APTS Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # WNB111S5APTS
Description  Ultrafast power diode - Bare die
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNB111S5APTS Datasheet(HTML) 3 Page - WeEn Semiconductors

  WNB111S5APTS Datasheet HTML 1Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 2Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 3Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 4Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 5Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 6Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WeEn Semiconductors
WNB111S5APTS
Ultrafast power diode - Bare die
WNB111S5APTS
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
9 October 2018
3 / 7
6. Characteristics
Table 4. Characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF*
forward voltage
IF = 5 A; Tj = 25 °C
-
1.14
1.4
V
VF**
forward voltage
IF = 15 A; Tj = 25 °C
-
1.4
1.8
V
IF = 15 A; Tj = 150 °C
-
1
1.4
V
IR*
reverse current
VR = 600 V; Tj = 25 °C
-
1
10
μA
IR**
reverse current
VR = 600 V; Tj = 150 °C
-
-
1
mA
Dynamic characteristics
trr**
reverse recovery time
IF = 1 A; VR = 30 V; dIF/dt = 100 A/μs;
Tj = 25 °C
-
28
60
ns
IF = 15 A; VR = 400 V; dIF/dt = 500 A/μs;
Tj = 25 °C
-
44
-
ns
IF = 15 A; VR = 200 V; dIF/dt = 200 A/μs;
Tj = 25 °C
-
50
-
ns
Notes:
(1) * mean that parameter are 100% test at Tamb = 25°C
(2) ** means that the guaranteed ratings and parameter limits will depend on the assembled structure. When correctly
assembled with suitable die bonding and wire bonding, the device will have ratings and characteristics guaranteed in this
data sheet, similar to the assembled devices BYV430J-600P.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com