Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNB111S5APTS Datasheet(PDF) 4 Page - WeEn Semiconductors

Part # WNB111S5APTS
Description  Ultrafast power diode - Bare die
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNB111S5APTS Datasheet(HTML) 4 Page - WeEn Semiconductors

  WNB111S5APTS Datasheet HTML 1Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 2Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 3Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 4Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 5Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 6Page - WeEn Semiconductors WNB111S5APTS Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WeEn Semiconductors
WNB111S5APTS
Ultrafast power diode - Bare die
WNB111S5APTS
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
9 October 2018
4 / 7
MECHANICAL PARAMETER
Chip size
2.84 x 2.84
mm2
Anode pad size
2.28 x 2.28
mm2
Area total /active
8.07 / 5.20
mm2
Thickness
300
μm
Wafer size
125
mm
Max possible chips per wafer
1371
pcs
Passivation
Glass
Front metal
Al
Back metal
Ti Ni Ag
CHIP LAYOUT
<
>
<
>
Die size: 2840m x 2840m
Bond pad size: 2280m x 2280 m
2840
2280



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com