Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR751E Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR751E
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR751E Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR751E Datasheet HTML 1Page - First Silicon Co., Ltd FDR751E Datasheet HTML 2Page - First Silicon Co., Ltd FDR751E Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
Ta = 75oC
Ta = 25oC
Ta = -25oC
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
pulse measurement
1
10
100
1000m
Typ.
FORWARD VOLTAGE : VF (V)
Fig. 1 Forward characteristics
0
5
10
15
20
25
30
35
100n
10n
1n
Ta = 125oC
Ta = 75oC
Ta = 25oC
Ta = -25oC
pulse measurement
Typ.
100
10
1
REVERSE VOLTAGE : VR (V)
Fig. 2 Reverse characteristics
0
246
8
10
12
14
1
2
5
10
20
50
100
f = 1MHz
Ta = 25oC
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between terminals characteristics
Electrical characteristic curves(TA = 25°C)
FDR751E
2009. 6. 25
2/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com