Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR751E Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR751E
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR751E Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR751E Datasheet HTML 1Page - First Silicon Co., Ltd FDR751E Datasheet HTML 2Page - First Silicon Co., Ltd FDR751E Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER DIODE
MAXIMUM RATINGS (TA = 25 C)
Parameter
Symbol
Limits
Unit
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
P
RM
40
V
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
C
D
R
30
V
I
t
n
e
r
r
u
c
g
n
i
y
f
i
t
c
e
r
n
a
e
M
O
30
mA
Peak forward surge current
IFSM
200
mA
T
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
j
125
C
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-40~+125
C
ELECTRICAL CHARACTERISTICS(TA= 25 C)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
V
e
g
a
t
l
o
v
d
r
a
w
r
o
F
F
-
-
0.37
V
I
F=1mA
I
t
n
e
r
r
u
c
e
s
r
e
v
e
R
R
-
-
0.5
µA
VR=30V
Capacitance between terminals
C
T
-
2.0
-
pF
V
R=1V,f=1MHz
DEVICE MARKING
FDR751T1G= 5
Features
(1)Small surface mounting type SC-79/SOD-523
(2)Low reverse current and low forward voltage.
(3)High reliability
Construction
Silicon epitaxial planar
1
CATHODE
2
ANODE
Ordering Information
Device
Marking
Shipping
FDR751ET1G
5
3000/Tape&Reel
FDR751ET3G
5
10000/Tape&Reel
We declare that the material of product
compliance with RoHS requirements.
SEMICONDUCTOR
TECHNICAL DATA
FDR751E
2009. 6. 25
1/3
Revision No : 0


Similar Part No. - FDR751E

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR751U FS-FDR751U Datasheet
90Kb / 3P
Schottky Barrier Diodes
More results

Similar Description - FDR751E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com