Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR751U Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR751U
Description  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR751U Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR751U Datasheet HTML 1Page - First Silicon Co., Ltd FDR751U Datasheet HTML 2Page - First Silicon Co., Ltd FDR751U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes
2
ANODE
1
CATHODE
SEMICONDUCTOR
TECHNICAL DATA
FDR751U
2014. 04. 13
1/3
Revision No : 0
SC-76 / SOD-323
USC
2
1
MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Limits
Unit
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
P
RM
40
V
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
C
D
R
30
V
I
t
n
e
r
r
u
c
g
n
i
y
f
i
t
c
e
r
n
a
e
M
O
30
mA
Peak forward surge current*
IFSM
200
mA
T
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
j
125
°C
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-40~+125
°C
*60Hz for 1
DEVICE MARKING
FDR751U = 5E
Features
(1) Small surface mounting type SC-76/SOD-323
(2) Low reverse current and low forward voltage.
(3) High reliability
Construction
silicon epitaxial planar
ORDERING INFORMATION
Device
Package
Shipping
FDR751U
SOD-323
3000/Tape&Reel
We declare that the material of product
compliance with RoHS requirements.
Total power dissipation@Ta=25
D
200
mW
°C
Derate above 25°C
P
1.57
C
°
/
W
m
Thermal Resistance, Junction to Ambient
Rja
635
W
/
C
°
ELECTRICAL CHARACTERISTICS(TA= 25
°C)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
V
e
g
a
t
l
o
v
d
r
a
w
r
o
F
F
-
-
F=1mA
I
t
n
e
r
r
u
c
e
s
r
e
v
e
R
R
-
-
0.5
µA
V
R=30V
Capacitance between terminals
C
T
-
2.0
-
pF
V
R=1V,f=1MHz
0.37
V
I


Similar Part No. - FDR751U

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR751E FS-FDR751E Datasheet
40Kb / 3P
SCHOTTKY BARRIER DIODE
FDR751ET1G FS-FDR751ET1G Datasheet
40Kb / 3P
SCHOTTKY BARRIER DIODE
FDR751ET3G FS-FDR751ET3G Datasheet
40Kb / 3P
SCHOTTKY BARRIER DIODE
More results

Similar Description - FDR751U

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com