Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR751U Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR751U
Description  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR751U Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR751U Datasheet HTML 1Page - First Silicon Co., Ltd FDR751U Datasheet HTML 2Page - First Silicon Co., Ltd FDR751U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FDR751U
2014. 04. 13
2/3
Revision No : 0
Electrical characteristic curves(TA = 25°C)
0.1
1
10
100
0
0.2
0.4
0.6
0.81
1.2
1.4
25℃
50℃
75℃
100℃
125℃
0.1
1
10
100
0
10
20
30
40
25℃
50℃
75℃
100℃
125℃
1
2
3
0246
8
10
12
14
f=1MHz
FORWARD VOLTAGE:VF(V)
REVERSE VOLTAGE:VR(V)
REVERSE VOLTAGE:VR(V)
Fig.1 FORWARD CHARACTERISTICS
Fig.2 REVERSE CHARACTERISTICS
Fig.3 VR-CT CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com